データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • UT3232L-P16-R

  • AI
    ## Electronic Overview: UT3232L-P16-R The **UT3232L-P16-R** is a low-power, high-speed transceiver designed for RS-232 serial communication. It is a functional equivalent to the industry-standard MAX3232. Its primary role is to bridge the voltage gap between low-voltage digital logic (TTL/CMOS) and the higher voltage requirements of the RS-232 standard. --- ### 1. Key Technical Specifications | Parameter | Specification | |:---|:---| | **Function** | Dual RS-232 Transceiver (2 Drivers, 2 Receivers) | | **Operating Voltage** | 3.0V to 5.5V | | **Data Rate** | Up to 250 kbps | | **Package Type** | TSSOP-16 (Thin Shrink Small Outline Package) | | **Operating Temperature** | -40°C to +85°C | | **ESD Protection** | Typically ±15kV (Human Body Model) | --- ### 2. Functional Components The "parts" or internal functional blocks of the UT3232L include: #### A. Dual Charge Pump Voltage Converters Because RS-232 requires positive and negative voltages (typically +5V to +10V and -5V to -10V) to represent logic levels, but the chip runs on a single 3.3V or 5V supply, it uses an internal **charge pump**. * Requires **four external capacitors** (usually 0.1µF) to generate the necessary bipolar voltages. #### B. Transmitter (Driver) Section * Converts TTL/CMOS input signals (0V to 3.3V/5V) into RS-232 output levels. * It ensures the output is inverted (Logic '1' is negative voltage, Logic '0' is positive voltage). #### C. Receiver Section * Converts incoming RS-232 signals (up to ±25V) back down to standard logic levels compatible with microcontrollers or UARTs. * Features hysteresis for noise rejection. --- ### 3. Pin Configuration (TSSOP-16) | Pin # | Name | Description | |:---:|:---|:---| | 1 | C1+ | Positive terminal for charge-pump capacitor 1 | | 2 | V+ | Positive charge-pump output | | 3 | C1- | Negative terminal for charge-pump capacitor 1 | | 4 | C2+ | Positive terminal for charge-pump capacitor 2 | | 5 | C2- | Negative terminal for charge-pump capacitor 2 | | 6 | V- | Negative charge-pump output | | 7, 14 | T_OUT | RS-232 Driver Outputs | | 8, 13 | R_IN | RS-232 Receiver Inputs | | 9, 12 | R_OUT | TTL/CMOS Receiver Outputs | | 10, 11| T_IN | TTL/CMOS Driver Inputs | | 15 | GND | Ground | | 16 | VCC | Supply Voltage (3.0V - 5.5V) | --- ### 4. Part Number Breakdown The suffixing follows UTC (Unisonic Technologies) naming conventions: * **UT3232L**: The core model (3.2V - 5.5V Transceiver). * **P16**: TSSOP-16 Package. * **R**: Tape and Reel packaging. --- ### 5. Typical Application Circuit ```text [Microcontroller] [UT3232L] [DB9 Connector] TX Pin ----------------> T1IN | T1OUT -------> Pin 2 (RXD) RX Pin <---------------- R1OUT | R1IN <------- Pin 3 (TXD) *Note: External 0.1uF capacitors must be connected to C1+/-, C2+/-, V+, and V-. ```
    ✨ Follow-up Questions
    • ⤷ What are the specific capacitor values recommended for 3.3V vs 5V operation?
    • ⤷ How does the UT3232L compare to the standard MAX3232 in terms of power consumption?
    • ⤷ What are the common causes of failure for this RS-232 transceiver?