データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • UT3232L-R16-R

  • AI
    The **UT3232L-R16-R** is a low-power, high-speed interface IC designed for RS-232 serial communication. It is commonly used to bridge the gap between low-voltage logic (like microcontrollers) and the higher voltage levels required for standard serial ports. --- ### 1. General Specifications The UT3232L is a 2-driver, 2-receiver device that operates with a proprietary low-dropout transmitter output stage and a dual charge pump to maintain RS-232 levels from a single power supply. | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Unisonic Technologies (UTC) | | **Supply Voltage (Vcc)** | 3.0V to 5.5V | | **Data Rate** | Up to 250 kbps | | **Package Type** | SSOP-16 (Shrink Small Outline Package) | | **Operating Temperature** | -40°C to +85°C | | **External Capacitors** | 4 x 0.1μF | --- ### 2. Pin Configuration (SSOP-16) The device uses 16 pins to handle the charge pump, logic inputs/outputs, and RS-232 line signals. | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | C1+ | Positive terminal for the first charge pump capacitor | | 2 | V+ | Positive voltage generated by the charge pump | | 3 | C1- | Negative terminal for the first charge pump capacitor | | 4 | C2+ | Positive terminal for the second charge pump capacitor | | 5 | C2- | Negative terminal for the second charge pump capacitor | | 6 | V- | Negative voltage generated by the charge pump | | 7, 8 | T_OUT | RS-232 Driver outputs (to DB9 connector) | | 9, 10 | R_IN | RS-232 Receiver inputs (from DB9 connector) | | 11, 12 | T_IN | Logic-level Transmitter inputs (from MCU) | | 13, 14 | R_OUT | Logic-level Receiver outputs (to MCU) | | 15 | GND | Ground | | 16 | Vcc | Supply Voltage (3.3V or 5V) | --- ### 3. Core Functionality #### Dual Charge Pump Because standard RS-232 signals require positive and negative voltages (typically +5V and -5V minimum), the UT3232L uses an internal charge pump. This allows the chip to generate these voltages internally using only four small external capacitors, eliminating the need for a bipolar power supply. #### Logic Level Translation * **Transmitter (TX):** Converts CMOS/TTL signals (0V to 3.3V/5V) into RS-232 levels (±5V to ±15V). * **Receiver (RX):** Converts high-voltage RS-232 signals back into safe logic levels for the MCU. --- ### 4. Key Application Circuit To use this part in a design, you must connect the following external components: ```text Vcc (3.3V) ---- [0.1uF] ---- GND C1+ -------- [0.1uF] -------- C1- C2+ -------- [0.1uF] -------- C2- V+ --------- [0.1uF] -------- GND V- --------- [0.1uF] -------- GND ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the UT3232L and the standard MAX3232?
    • ⤷ Can the UT3232L be used for 1.8V logic levels?
    • ⤷ What is the meaning of the 'R16-R' suffix in the part number?