データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • UT4446G-S08-R

  • AI
    ### UT4446G-S08-R Electronic Component Overview The **UT4446G-S08-R** is an N-Channel enhancement mode Power MOSFET designed for high-density mounting and efficiency in power management applications. It is commonly manufactured by Unisonic Technologies (UTC). --- ### 1. Key Technical Specifications Below are the primary electrical characteristics for the UT4446G-S08-R: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Drain-Source Voltage ($V_{DSS}$)** | 30V | Maximum voltage across Drain and Source | | **Continuous Drain Current ($I_D$)** | 15A | Maximum continuous current at $25^\circ C$ | | **Drain-Source On-Resistance ($R_{DS(ON)}$)** | 8.5 mΩ (typ.) | Low resistance at $V_{GS} = 10V$ | | **Gate-Source Voltage ($V_{GSS}$)** | $\pm 20V$ | Maximum voltage range for the gate | | **Package Type** | SOP-8 | Small Outline Package (8 pins) | | **Configuration** | Single N-Channel | One MOSFET per package | --- ### 2. Physical and Material Features * **SOP-8 Package:** This is a surface-mount package (SMD) that is space-efficient for modern PCB designs. * **Halogen-Free:** The "G" in the part number usually indicates a halogen-free and RoHS-compliant material construction. * **Tape and Reel:** The "R" suffix typically denotes that the part is supplied in a Tape and Reel format for automated pick-and-place assembly. --- ### 3. Pin Configuration (SOP-8) | Pin Number | Assignment | Description | | :--- | :--- | :--- | | 1, 2, 3 | **S** (Source) | Input/Reference terminal | | 4 | **G** (Gate) | Control terminal for switching | | 5, 6, 7, 8 | **D** (Drain) | Output terminal for high current | --- ### 4. Common Applications The UT4446G-S08-R is optimized for low-voltage, high-speed switching environments such as: 1. **DC-DC Converters:** Used in power supply modules for computers and telecommunications. 2. **Battery Management:** Ideal for protection circuits in Lithium-ion battery packs. 3. **Load Switching:** Efficiently turning on/off power rails in portable electronics. 4. **Motor Drivers:** Small DC motor control circuits. --- ### 5. Identification Logic Understanding the part number breakdown: * **UT4446**: The specific model/series number. * **G**: Halogen-Free / Green material. * **S08**: SOP-8 package style. * **R**: Tape and Reel packaging.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative MOSFETs for UT4446G-S08-R?
    • ⤷ Can this MOSFET be used in a 24V power system safely?
    • ⤷ What is the maximum power dissipation (Pd) for this specific SOP-8 package?