データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • UT4446L-S08-R

  • AI
    The **UT4446L-S08-R** is an N-Channel enhancement mode Power MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor). It is primarily designed for high-efficiency switching applications, power management, and DC-DC conversion. --- ### 1. General Specifications The following table highlights the core electrical characteristics of the device: | Parameter | Symbol | Value (Typical/Max) | Unit | | :--- | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 30 | V | | **Gate-Source Voltage** | $V_{GSS}$ | ±20 | V | | **Continuous Drain Current** | $I_D$ | 15 | A | | **Static Drain-Source On-Resistance** | $R_{DS(ON)}$ | 8.5 (max @ 10V) | mΩ | | **Total Gate Charge** | $Q_g$ | 18 | nC | | **Package Type** | SOP-8 | Small Outline | - | --- ### 2. Key Features and Benefits * **Low On-Resistance ($R_{DS(ON)}$):** Minimizes conduction losses, which is critical for battery-powered devices to reduce heat and extend life. * **Fast Switching Speed:** High-frequency operation capability reduces the size of external passive components (inductors/capacitors). * **High Power Density:** The SOP-8 package allows for a compact footprint while handling significant current. * **Halogen-Free:** The "L" suffix typically indicates "Lead-Free" or "Low Halogen" compliance, meeting modern environmental standards. --- ### 3. Pin Configuration (SOP-8) The device follows a standard 8-pin layout for power MOSFETs: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1, 2, 3 | **Source (S)** | Source connection to circuit ground or load | | 4 | **Gate (G)** | Control terminal for switching the MOSFET | | 5, 6, 7, 8 | **Drain (D)** | Connected to the positive supply or load side | --- ### 4. Common Applications Due to its high current handling and low resistance, the UT4446L is frequently used in: 1. **Notebook Computer Power Management:** Efficiently distributing power to CPUs and peripherals. 2. **DC/DC Converters:** Serving as the switching element in buck or boost regulators. 3. **Load Switches:** Acting as an electronic fuse or switch to turn off power to sub-systems. 4. **Motor Control:** Small BLDC motor drivers or actuator controllers. --- ### 5. Part Number Breakdown * **UT4446**: The base model/series number. * **L**: Lead-free/Halogen-free. * **S08**: SOP-8 package type. * **R**: Tape and Reel packaging for automated assembly.
    ✨ Follow-up Questions
    • ⤷ What are the thermal dissipation limits of the SOP-8 package for this MOSFET?
    • ⤷ How does the gate threshold voltage affect its performance in 3.3V logic circuits?
    • ⤷ What are the recommended alternatives for higher voltage applications?