データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • UTL331G-AL5-R

  • AI
    The **UTL331G-AL5-R** is a specific integrated circuit, typically a **Low Dropout (LDO) Linear Regulator** or a **Voltage Detector/Reset IC**, often manufactured by Unisonic Technologies (UTC). Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Component Overview The part numbering usually follows UTC’s nomenclature. In this specific configuration: * **UTL331**: The series identifier. * **G**: Denotes "Halogen Free" and "RoHS Compliant." * **AL5**: Refers to the package type (typically **SOT-25** or **SOT-23-5**). * **R**: Indicates the tape and reel packaging for automated assembly. ## 2. Technical Specifications While exact specifications can vary by revision, the general characteristics for the UTL331 series are as follows: | Parameter | Specification (Typical) | | :--- | :--- | | **Function** | Low Power Voltage Detector / Microprocessor Reset | | **Supply Voltage ($V_{DD}$)** | 1.0V to 10.0V | | **Detection Threshold** | Fixed (e.g., 3.1V, depending on specific sub-code) | | **Quiescent Current ($I_Q$)** | Very Low (approx. 1µA to 3µA) | | **Output Type** | CMOS or Open-Drain | | **Operating Temperature** | -40°C to +85°C | --- ## 3. Key Electronic Features * **High Accuracy:** The detection voltage is usually trimmed to within ±2%. * **Low Power Consumption:** Designed for battery-operated devices where minimizing "dark current" is critical. * **Hysteresis Characteristics:** Includes built-in hysteresis to prevent "chattering" or unstable switching when the input voltage is near the threshold level. * **Small Footprint:** The SOT-25 (AL5) package allows for high-density PCB designs. --- ## 4. Pin Configuration (Typical SOT-25) A standard layout for this type of IC includes: | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **OUT** | Reset Output signal | | 2 | **VDD** | Supply Voltage / Sensing Input | | 3 | **VSS** | Ground | | 4 | **NC/CD** | No Connection or External Delay Capacitor | | 5 | **NC** | No Connection | --- ## 5. Common Applications This part is primarily used to monitor power supplies in digital systems to ensure the microcontroller (MCU) operates only when the voltage is within a safe range. 1. **Microprocessor Reset:** Providing a reset signal during power-up or power-down. 2. **Battery Life Monitoring:** Detecting low-battery conditions in portable electronics. 3. **Level Discriminators:** Acting as a simple comparator for voltage windows.
    ✨ Follow-up Questions
    • ⤷What is the specific detection voltage for the G-AL5-R variant?
    • ⤷ Can this IC be used in automotive applications?
    • ⤷ What are the primary differences between CMOS and Open-Drain outputs for this part?