データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • V-10-R

  • AI
    The **V-10-R** typically refers to a specific series of **Basic Snap-Action Micro Switches** (often manufactured by brands like Omron). These components are critical in automation, safety systems, and consumer electronics due to their reliability and tactile response. --- ### 1. Technical Specifications The model number "V-10-R" contains specific data about its electrical and mechanical properties. | Feature | Specification (Typical) | | :--- | :--- | | **Switch Type** | Miniature Snap Action / Micro Switch | | **Current Rating** | 10 Amps (at 250 VAC) | | **Actuator Type** | Pin Plunger (Standard) | | **Contact Form** | SPDT (Single Pole Double Throw) | | **Operating Force** | ~1.96 N (200 gf) | | **Durability** | 10 million operations (mechanical) | --- ### 2. Internal Electronic Structure The "V" series construction involves three primary terminal points: 1. **COM (Common):** The input terminal where power enters. 2. **NC (Normally Closed):** The circuit is complete when the switch is at rest. 3. **NO (Normally Open):** The circuit is completed only when the plunger is pressed. #### Operation Logic When the plunger is depressed, a spring mechanism "snaps" the internal contact from the **NC** position to the **NO** position. This snap action ensures a fast break/make of the circuit, reducing electrical arcing and extending the life of the component. --- ### 3. Key Components The "R" in the suffix often denotes specific terminal types or specialized certifications (like RoHS compliance or Right-hand orientation depending on the sub-manufacturer). * **Contacts:** Usually made of silver alloy to ensure high conductivity and resistance to oxidation. * **Case Material:** Thermoplastic or Thermosetting resin (Heat resistant). * **Actuator:** A pin plunger that can be triggered directly or through a secondary lever/roller. --- ### 4. Implementation Example If you are integrating this into a circuit using a microcontroller (like an Arduino), here is a simple wiring logic: ```cpp // V-10-R as a Limit Switch const int switchPin = 2; // Connected to NO terminal void setup() { pinMode(switchPin, INPUT_PULLUP); Serial.begin(9600); } void loop() { int state = digitalRead(switchPin); if (state == LOW) { Serial.println("Switch Pressed!"); } } ```
    ✨ Follow-up Questions
    • ⤷ What are the differences between the V-10 and V-15 series?
    • ⤷ How do I wire a V-10-R for a safety interlock system?
    • ⤷ What does the 'R' suffix specifically indicate in different manufacturer catalogs?