データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • VA-22HCD-R

  • AI
    The **VA-22HCD-R** is a high-performance **HDMI 2.0 to 12G-SDI Converter**. It is an industrial-grade electronic device designed to bridge the gap between consumer/prosumer HDMI sources and professional broadcast SDI infrastructure. --- ## 1. Core Electronic Components & Architecture The internal circuitry of the VA-22HCD-R is built around three primary functional blocks: | Component Type | Function | Key Specifications | | :--- | :--- | :--- | | **Input Controller** | HDMI 2.0 Receiver | Supports up to 18Gbps bandwidth and HDCP 2.2 decryption. | | **Signal Processor** | FPGA / SoC | Handles color space conversion (RGB to YCrCb) and frame rate synchronization. | | **Output Driver** | 12G-SDI Transmitter | Capable of driving high-frequency signals over long coaxial cables. | --- ## 2. Key Technical Specifications From an electronic engineering perspective, the device handles high-frequency data transmission and complex signal processing: ### A. Video Processing * **Resolution Support:** Up to 4K/UHD @ 60Hz (4:4:4). * **SDI Standards:** Supports 12G-SDI, 6G-SDI, 3G-SDI, and HD-SDI. * **Re-clocking:** Built-in electronic re-clocking circuitry cleans the jitter from the SDI signal to ensure data integrity over long distances. ### B. Audio & Data Handling * **Audio Embedding:** It extracts the digital audio from the HDMI stream and embeds it into the SDI signal (up to 8 channels). * **EDID Management:** Features an internal electronic EDID (Extended Display Identification Data) handler to ensure the HDMI source outputs the correct resolution. ### C. Physical Interface * **Input:** 1 x HDMI Type A (Female). * **Output:** 2 x BNC (75 $\Omega$ connectors) for 12G-SDI. * **Power:** Typically 5V-12V DC input with over-voltage protection. --- ## 3. Signal Flow Diagram The electronic signal path follows this logic: 1. **HDMI Input:** Differential signaling (TMDS) is received. 2. **De-serialization:** The HDMI data is broken down into raw video/audio packets. 3. **Processing:** Colors are converted to the SDI-friendly YUV format; timing is adjusted. 4. **Serialization:** The data is packed into the SDI protocol. 5. **Amplification:** The 12G-SDI driver boosts the signal for transmission over BNC cables. --- ## 4. Operational Indicators (LEDs) The unit features diagnostic LEDs that indicate the status of the electronic handshake: * **Power LED:** Confirms DC rails are active. * **Lock LED:** Indicates a valid HDMI input signal is detected. * **SDI Mode:** Often indicates if the output is currently 3G, 6G, or 12G.
    ✨ Follow-up Questions
    • ⤷ Does the VA-22HCD-R support HDCP 2.2 content protection?
    • ⤷ What is the maximum cable distance for the 12G-SDI output?
    • ⤷ Can this device down-scale a 4K signal to 1080p?