データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • VAZ-SIMON-R2

  • AI
    The **VAZ-SIMON-R2** is a specialized electronic control unit and sensor assembly primarily used in security systems and fire detection monitoring. It operates as a localized addressable module that interfaces between field devices (sensors) and a central control panel. --- ### Core Electronic Components The electronics of the SIMON-R2 are designed for low power consumption and high reliability. Below are the primary functional sections: | Component Category | Part Type / Function | Description | | :--- | :--- | :--- | | **Microcontroller** | 8-bit or 32-bit MCU | Handles logic, signal processing, and communication protocols. | | **Communication Interface** | RS-485 / Proprietary Bus | Enables data exchange with the master control panel over long distances. | | **Power Management** | Linear Regulators / Buck Converters | Converts bus voltage (typically 12V-24V) to stable 3.3V or 5V for internal logic. | | **Input Circuitry** | Opto-couplers / ADCs | Monitors the status of connected dry contacts or resistance-based sensors. | | **Addressing Logic** | DIP Switches or EEPROM | Used to set the unique ID of the module on the system bus. | --- ### Functional Modules #### 1. Signal Processing Unit This section filters incoming analog noise from sensors. It uses **Operational Amplifiers (Op-Amps)** to scale signals before they reach the Microcontroller’s Analog-to-Digital Converter (ADC). This ensures that false alarms from electromagnetic interference (EMI) are minimized. #### 2. Isolation and Protection To protect the main bus from field faults, the SIMON-R2 typically includes: * **TVS Diodes:** For transient voltage suppression (lightning/static). * **Resettable Fuses (PTC):** To protect against overcurrent on sensor lines. * **Galvanic Isolation:** Often implemented using opto-isolators to prevent ground loops. #### 3. Output Drivers The R2 version often features small **Signal Relays** or **Open-Collector Outputs**. These allow the electronic module to trigger external hardware, such as sirens, strobe lights, or electromagnetic door locks. --- ### Technical Specifications (Typical) ```json { "Input_Voltage": "10V - 28V DC", "Standby_Current": "< 20mA", "Communication_Protocol": "Addressable Serial Bus", "Operating_Temperature": "-10°C to +55°C", "Protection_Rating": "IP30 (standard enclosure)" } ``` ---
    ✨ Follow-up Questions
    • ⤷What is the maximum number of sensors that can be connected to a single SIMON-R2 module?
    • ⤷ How do you program the address for the VAZ-SIMON-R2?
    • ⤷ What are the most common failure modes for these electronic control units?