データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • VC-R

  • AI
    The **VC-R** typically refers to a **Voltage-Controlled Rectifier**, though in broader consumer electronics, it may refer to older **VCR (Video Cassette Recorder)** technology. Given the context of "electronic parts," this breakdown focuses on the **Voltage-Controlled Rectifier/Regulator** circuit components commonly used in power management and signal processing. --- ## 1. Core Electronic Components of a VC-R A Voltage-Controlled Rectifier uses active components to control the output DC voltage by adjusting the conduction angle or the bias. | Component | Function | | :--- | :--- | | **Thyristors (SCRs)** | Acts as a gate-controlled switch to allow current flow only at specific intervals. | | **MOSFETs** | Used in synchronous rectification for higher efficiency and faster switching. | | **Control IC** | The "brain" that monitors output and adjusts the gate signal (PWM/Phase control). | | **Smoothing Capacitors** | Filters the rectified pulsating DC into a steady voltage. | | **Feedback Resistors** | Used to sample the output voltage and send it back to the controller. | --- ## 2. Functional Blocks of the Circuit ### A. The Power Stage This section handles the high-voltage/current conversion. It usually consists of a bridge configuration. Unlike a standard diode bridge (which is passive), the VC-R uses **Active Rectification**. ### B. The Control Loop 1. **Error Amplifier:** Compares the actual output voltage against a reference voltage. 2. **Phase Shifter / PWM Generator:** Determines exactly *when* the semiconductor (SCR or MOSFET) should turn on. 3. **Gate Driver:** Provides the necessary current to trigger the power components. --- ## 3. Technical Comparison: Passive vs. Voltage-Controlled | Feature | Passive Rectifier (Diode) | Voltage-Controlled Rectifier | | :--- | :--- | :--- | | **Components** | Diodes only | SCRs, MOSFETs, and ICs | | **Output** | Fixed ratio of input | Adjustable/Regulated | | **Efficiency** | Lower (fixed forward drop) | Higher (active switching) | | **Heat Generation**| High | Managed via switching frequency | --- ## 4. Common Applications * **Battery Chargers:** Adjusting voltage based on the battery's state of charge. * **DC Motor Drives:** Controlling speed by varying the rectified voltage level. * **Power Supplies (SMPS):** Maintaining a constant 12V or 5V output despite input fluctuations.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an SCR and a MOSFET in a VC-R circuit?
    • ⤷ How does pulse-width modulation (PWM) control the output of a rectifier?
    • ⤷ Can you provide a basic schematic diagram for a voltage-controlled rectifier?