データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • VCXO2EV-

  • AI
    ## Understanding the VCXO2EV Evaluation Board The **VCXO2EV** is a specialized evaluation board designed for testing and characterizing Voltage-Controlled Crystal Oscillators (VCXOs). These boards are typically used by RF engineers to evaluate clock jitter, frequency stability, and tuning sensitivity before integrating the component into a final PCB design. --- ### Core Electronic Components The board is composed of several functional blocks that support the operation of the oscillator. | Component Category | Primary Function | Typical Parts/Details | | :--- | :--- | :--- | | **VCXO Socket** | Holds the device under test (DUT) | Often a 4-pad or 6-pad SMD footprint (e.g., 5x7mm or 3.2x2.5mm). | | **Voltage Regulators** | Power management | LDOs (Low Dropout Regulators) to provide ultra-low noise DC power. | | **Control Voltage Input** | Frequency tuning | An SMA connector or header pin to apply 0V to Vcc for frequency pulling. | | **Output Buffers** | Signal integrity | High-speed buffers to drive 50$\Omega$ test equipment without loading the oscillator. | | **Bypass Capacitors** | Noise filtering | Ceramic capacitors (0.1µF to 10µF) located close to the VCXO Vcc pin. | | **SMA Connectors** | RF Interface | Used for RF Output and Control Voltage (Vcont) input. | --- ### Functional Blocks #### 1. Power Supply Section VCXOs are extremely sensitive to power supply noise, which can translate into "phase noise." The evaluation board usually includes: * **Decoupling Network:** Multiple capacitors in parallel to filter a wide range of frequencies. * **Protection Diodes:** To prevent damage from reverse polarity. #### 2. Tuning Circuitry (V_control) This is the "VC" part of the VCXO. * The board provides a dedicated path to the tuning pin. * It may include a low-pass filter (RC circuit) to ensure the control voltage is clean and does not introduce jitter. #### 3. Output Termination To accurately measure performance on an oscilloscope or spectrum analyzer, the output must be matched: * **LVPECL/LVDS:** If the VCXO uses differential signaling, the board will contain termination resistors (e.g., 50$\Omega$ to $V_{cc}-2V$ for PECL). * **CMOS:** Often uses a series resistor to match the trace impedance to 50$\Omega$. --- ### Technical Specifications Summary | Feature | Description | | :--- | :--- | | **Input Voltage** | Typically 2.5V or 3.3V | | **Tuning Voltage Range** | Usually 0V to 3V (Control Voltage) | | **Frequency Range** | Dependent on the installed VCXO (10MHz - 800MHz+) | | **Output Type** | CMOS, LVPECL, or LVDS (Configuration dependent) | --- ### Connectivity Diagram ```mermaid graph LR A[External DC Power] --> B[LDO Regulator] B --> C[VCXO Device] D[Tuning Voltage Input] --> C C --> E[Output Buffer/Matching] E --> F[SMA RF Output] ```
    ✨ Follow-up Questions
    • ⤷ How do I calculate the 'Pulling Range' using this evaluation board?
    • ⤷ What is the impact of power supply noise on the VCXO phase noise?
    • ⤷ Can this board be used for standard XO (Fixed Oscillator) testing?