データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • VCXO2EV-C20T3

  • AI
    The **VCXO2EV-C20T3** is a specific type of Voltage-Controlled Crystal Oscillator (VCXO). These components are critical in telecommunications and high-speed data transmission for frequency synchronization and clock recovery. --- ### 1. Component Breakdown The part number follows a specific nomenclature (common for manufacturers like Jauch or Taitien): | Component Segment | Description | | :--- | :--- | | **VCXO** | **Voltage-Controlled Crystal Oscillator**: The output frequency is adjusted by an external control voltage. | | **2** | Often denotes the **Package Size** (commonly 3.2mm x 2.5mm or 2.5mm x 2.0mm). | | **EV** | **Voltage Supply**: Typically represents a 3.3V or 2.5V operating range. | | **C20** | **Frequency Stability**: Often indicates ±20ppm or a specific temperature range performance. | | **T3** | **Termination/Output**: Usually refers to CMOS output with a specific temperature range (e.g., -40°C to +85°C). | --- ### 2. Core Electrical Characteristics As a VCXO, this part functions by using a varactor diode to change the load capacitance of the crystal, thereby "pulling" the frequency. * **Output Type:** LVCMOS (Low Voltage Complementary Metal Oxide Semiconductor). * **Control Voltage ($V_c$):** Usually ranges from 0.3V to 3.0V (for a 3.3V supply). * **Pulling Range:** Typically ±50ppm to ±100ppm. This is the amount the frequency can be deviated from the nominal value. * **Phase Jitter:** Designed for low jitter to ensure data integrity in high-speed links. --- ### 3. Pin Configuration Most SMD VCXOs in this series utilize a 4-pin or 6-pin layout: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | **V_control** | The input voltage used to adjust the output frequency. | | **2** | **OE or NC** | Output Enable (allows the clock to be turned on/off) or No Connection. | | **3** | **GND** | Ground. | | **4** | **Output** | The RF/Clock signal output. | | **5** | **NC** | No Connection (for 6-pin variants). | | **6** | **Vdd** | Power supply (DC voltage). | --- ### 4. Common Applications * **Phase-Locked Loops (PLLs):** Used to synchronize local clocks with a reference signal. * **Networking Gear:** Switches, routers, and base stations. * **Broadcasting:** Video processing equipment where precise timing is required to avoid frame drops. * **Frequency Synthesis:** Creating stable high-frequency signals from lower frequency references. --- ### 5. Selection Considerations When replacing or designing with the VCXO2EV-C20T3, verify these three parameters: 1. **Nominal Frequency:** (e.g., 27.000 MHz, 125.000 MHz). 2. **Pullability:** Ensure the control voltage range matches your circuit's DAC output. 3. **Footprint:** Confirm the physical dimensions (L x W) match the PCB pads.
    ✨ Follow-up Questions
    • ⤷What is the difference between a VCXO and a standard XO?
    • ⤷ How do I calculate the KV sensitivity for this oscillator?
    • ⤷ Can I use a 5V supply for a VCXO2EV series part?