データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • VCXO2EV-X12.288T3

  • AI
    The **VCXO2EV-X12.288T3** is a high-precision electronic component categorized as a **Voltage Controlled Crystal Oscillator (VCXO)**. It is specifically designed to provide a stable reference frequency that can be slightly adjusted or "pulled" by an external control voltage. --- ### 1. Key Technical Specifications Below are the fundamental characteristics of the VCXO2EV-X12.288T3: | Parameter | Specification | Description | |:---|:---|:---| | **Nominal Frequency** | 12.288 MHz | Standard frequency used in audio/telecom. | | **Component Type** | VCXO | Voltage Controlled Crystal Oscillator. | | **Pulling Range** | Typically ±50 to ±100 ppm | The range the frequency can be adjusted. | | **Control Voltage** | Variable (e.g., 0V to Vcc) | Input that dictates the frequency offset. | | **Stability** | High (Temperature Compensated) | Resistance to frequency drift. | | **Package Type** | SMD (Surface Mount Device) | Compact form factor for PCB assembly. | --- ### 2. Functional Breakdown #### A. The Frequency: 12.288 MHz The frequency of **12.288 MHz** is highly significant in digital audio applications. It is an exact multiple of common sampling rates: * $48 \text{ kHz} \times 256 = 12.288 \text{ MHz}$ * $96 \text{ kHz} \times 128 = 12.288 \text{ MHz}$ This makes it a primary choice for Master Clocks in DACs (Digital-to-Analog Converters) and ADCs. #### B. Voltage Control (The "VC" part) Unlike a standard fixed crystal, this part allows for "Frequency Pulling." By changing the voltage on a specific control pin, the output frequency can be fine-tuned. This is essential for: * **Phase-Locked Loops (PLL):** Synchronizing the clock with an external source. * **Jitter Reduction:** Smoothing out timing irregularities in a data stream. #### C. Output Signal Characteristics The "T3" suffix often refers to the output logic type (typically CMOS or TTL levels) and the packaging format (such as Tape and Reel). It provides a square wave output suitable for driving digital integrated circuits directly. --- ### 3. Common Applications * **Professional Audio Gear:** Used to synchronize audio streams across different devices (Word Clock). * **Telecommunications:** Frequency synchronization in base stations. * **Networking:** Clock recovery in high-speed data transmission. * **Set-top Boxes:** Synchronizing video and audio data streams. --- ### 4. Typical Circuit Integration In a standard circuit, the VCXO is connected as follows: ```c [ Control Voltage Source ] ----> [ Pin 1: Vc (Control) ] [ Power Supply (Vcc) ] --------> [ Pin: Vcc ] [ Ground (GND) ] --------------> [ Pin: GND ] [ System Clock Input ] <-------- [ Pin: Output (12.288 MHz) ] ```
    ✨ Follow-up Questions
    • ⤷ What is the standard supply voltage required for the VCXO2EV series?
    • ⤷ How does the 'pulling range' affect the performance of a Phase-Locked Loop?
    • ⤷ Can this 12.288 MHz VCXO be used for 44.1 kHz audio sampling rates?