データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • VCXO2EV-X12.8T3

  • AI
    The **VCXO2EV-X12.8T3** is a specialized electronic component categorized as a **Voltage Controlled Crystal Oscillator (VCXO)**. It is designed to provide a highly stable reference frequency that can be fine-tuned or modulated via an external control voltage. --- ## 1. Core Technical Specifications The part number indicates specific performance characteristics, typically used in high-precision telecommunications and synchronization hardware. | Feature | Specification (Typical) | | :--- | :--- | | **Nominal Frequency** | 12.800 MHz | | **Type** | Voltage Controlled Crystal Oscillator (VCXO) | | **Output Type** | CMOS / Clipped Sine Wave (Model dependent) | | **Supply Voltage (Vcc)** | 3.3V or 5.0V (Standard series) | | **Pullability Range** | ±50 ppm to ±100 ppm (Typical) | | **Frequency Stability** | ±1.0 ppm to ±2.5 ppm | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ## 2. Key Components & Working Principle The VCXO2EV-X12.8T3 functions by integrating several internal electronic stages: 1. **Quartz Crystal Resonator:** The "heart" of the component, providing a fundamental vibration at 12.8 MHz. 2. **Varactor Diode:** A voltage-variable capacitor. When the voltage on the "Control" pin changes, the capacitance changes, slightly shifting (pulling) the crystal's resonant frequency. 3. **Oscillator Circuit:** An active transistor-based circuit that maintains the oscillation of the crystal. 4. **Buffer/Output Stage:** Ensures the signal is strong enough to drive external loads without affecting the stability of the crystal. --- ## 3. Typical Pin Configuration Most devices in this series utilize a standard 4-pin or 6-pin SMD (Surface Mount Device) package. | Pin Number | Name | Function | | :--- | :--- | :--- | | **1** | **V_control** | Control voltage input to adjust frequency. | | **2** | **GND** | Ground connection. | | **3** | **Output** | The 12.8 MHz clock signal output. | | **4** | **Vcc** | Power supply input. | --- ## 4. Common Applications Due to its stability and frequency-pulling capability, this part is used in: * **Phase-Locked Loops (PLLs):** To synchronize a local clock to a master reference. * **Telecommunications:** Base stations (BTS) and networking equipment. * **Instrumentation:** Frequency synthesizers and signal generators. * **Broadcasting:** Video/Audio synchronization equipment.
    ✨ Follow-up Questions
    • ⤷ What is the exact voltage range required for the frequency control pin?
    • ⤷ How does the temperature stability of this VCXO compare to a standard TCXO?
    • ⤷ Can you provide the physical dimensions for the SMD footprint of this part?