データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • VCXO2H

  • AI
    ## Understanding the VCXO2H Electronic Component The **VCXO2H** series typically refers to a high-performance **Voltage Controlled Crystal Oscillator (VCXO)**. These components are essential in telecommunications and high-speed data transmission for frequency fine-tuning and clock synchronization. --- ### 1. Key Technical Specifications A VCXO allows the output frequency to be adjusted by varying an external input DC voltage (Control Voltage). | Feature | Typical Specification | | :--- | :--- | | **Output Type** | CMOS, PECL, or LVDS (Model dependent) | | **Frequency Range** | Usually 1.0 MHz to 200 MHz+ | | **Supply Voltage** | 3.3V or 5.0V (Standard) | | **Control Voltage** | 0.5V to 2.5V or 0V to 3.3V | | **Pullability Range** | ±50ppm to ±100ppm (Typical) | | **Package Size** | SMD (e.g., 5.0 x 3.2mm or 7.0 x 5.0mm) | --- ### 2. Functional Pins Most VCXO2H modules utilize a 4-pin or 6-pin surface-mount device (SMD) configuration. 1. **VC (Voltage Control):** Input for the analog voltage to adjust frequency. 2. **GND:** Circuit ground. 3. **Output:** The generated clock signal. 4. **Vcc:** DC Power supply. 5. **OE (Output Enable):** (Optional) Used to turn the output on or off. --- ### 3. How It Works The core of the VCXO2H is a quartz crystal combined with a **varactor diode**. * **Frequency Pulling:** When the voltage at the **VC pin** changes, the capacitance of the varactor diode shifts. * **Capacitance Shift:** This change in capacitance alters the resonant frequency of the crystal circuit. * **Result:** The output frequency "pulls" slightly higher or lower, allowing it to lock onto a reference signal in a Phase-Locked Loop (PLL). --- ### 4. Applications * **Phase-Locked Loops (PLL):** Synchronizing local clocks with incoming data streams. * **Networking:** Base stations, routers, and optical transport equipment. * **Broadcasting:** Video/audio signal processing where timing jitter must be minimized. * **Instrumentation:** Signal generators and frequency synthesizers. --- ### 5. Implementation Example (Schematic Logic) To integrate a VCXO2H, ensure a clean power supply to minimize phase noise. ```c // Pseudo-logic for frequency control via DAC void adjustFrequency(float targetVoltage) { // DAC (Digital to Analog Converter) sends voltage to VC pin setDAC_Output(channel_1, targetVoltage); // This shifts the VCXO2H output frequency to match the system reference } ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between a VCXO and a TCXO?
    • ⤷ How does 'pullability' affect the performance of a VCXO2H?
    • ⤷ What are the common causes of phase noise in these oscillators?