データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • VDR10D511KJ

  • AI
    The **VDR10D511KJ** is a specific type of electronic component known as a **Metal Oxide Varistor (MOV)**. Its primary function is to protect sensitive electronic circuits from high-voltage surges and transients (like lightning or inductive switching). --- ### 1. Technical Specifications The part number follows a standard industry convention. Here is the breakdown of its technical characteristics: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Varistor Voltage** | 510V | The voltage at which the device starts conducting (1mA DC). | | **Tolerance** | ±10% | Indicated by the 'K' suffix. | | **Diameter** | 10mm | Indicated by '10D' (Physical size of the disk). | | **Max AC Voltage** | 320V RMS | Maximum continuous operating AC voltage. | | **Max DC Voltage** | 410V | Maximum continuous operating DC voltage. | | **Clamping Voltage** | ~845V | The maximum voltage across the VDR when a pulse is applied. | | **Energy Absorption** | ~70-85 Joules | The amount of energy it can dissipate in a single pulse. | --- ### 2. Part Number Deciphering Understanding the code helps in identifying replacements: * **VDR**: Voltage Dependent Resistor (Varistor). * **10D**: 10mm Diameter (Disk shape). Larger diameters handle higher surge currents. * **511**: Resistance/Voltage code. `51` followed by `1` zero = **510V**. * **K**: Tolerance code (K = ±10%, J = ±5%, L = ±15%). * **J**: Often refers to the lead style (High-surge or specific lead spacing) depending on the manufacturer (e.g., Joyin or Varitron). --- ### 3. How it Works A VDR acts as a **non-linear resistor**: 1. **Normal State:** Under normal operating voltage, it has very high resistance and acts as an open circuit. 2. **Surge State:** When a high-voltage spike occurs (exceeding 510V), the resistance drops instantly. 3. **Protection:** It shunts the excess current to the ground or neutral, "clamping" the voltage to a safe level for the rest of the circuit. --- ### 4. Common Applications * **Power Supplies:** Protecting the input stage of AC/DC adapters. * **Home Appliances:** Used in washing machines and refrigerators to prevent damage from grid fluctuations. * **LED Drivers:** Protecting lighting circuits from lightning strikes. * **Industrial Equipment:** Surge protection in PLCs and controllers. --- ### 5. Critical Installation Notes * **Placement:** Usually placed across the AC input (Line to Neutral) or Line to Ground. * **Fusing:** Always use a fuse in series before the VDR. If the VDR fails (usually by short-circuiting after a massive surge), the fuse will blow, preventing a fire. * **Degradation:** VDRs degrade slightly every time they absorb a surge. Over time, their "clamping" voltage may shift.
    ✨ Follow-up Questions
    • ⤷What is the difference between a 10D and a 14D varistor?
    • ⤷ Can I use a VDR10D511KJ in a 110V AC circuit?
    • ⤷ How do I test if a varistor is still functional using a multimeter?