データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • VDR10D75

  • AI
    The **VDR10D751K** (often shortened to VDR10D751) is a **Metal Oxide Varistor (MOV)**. It is a passive electronic component used primarily for voltage surge protection in electronic circuits. --- ### 1. Key Technical Specifications The part number follows a specific nomenclature that defines its physical and electrical characteristics. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Type** | MOV | Metal Oxide Varistor | | **Disk Size** | 10mm | The diameter of the ceramic disk | | **Varistor Voltage** | 750V | The voltage at which the device starts conducting (1mA DC) | | **Max Allowable AC Voltage** | 460V RMS | Maximum continuous sinusodial operating voltage | | **Max Allowable DC Voltage** | 615V DC | Maximum continuous DC operating voltage | | **Clamping Voltage** | ~1240V | The maximum voltage across the VDR during a surge | | **Energy Absorption** | ~70 - 100 Joules | The amount of energy it can dissipate in a single pulse | --- ### 2. How it Works A VDR acts as a **voltage-dependent resistor**. Its resistance changes non-linearly based on the applied voltage: 1. **Normal State:** When the voltage is below the threshold (751V), the VDR has high resistance (mega-ohms). It acts like an open circuit and does not affect the system. 2. **Surge State:** When a high-voltage spike occurs (e.g., lightning or inductive switching), the resistance drops instantly to nearly zero. 3. **Protection:** The VDR "shunts" the excess current to the ground or neutral, clamping the voltage to a safe level to protect sensitive downstream components. --- ### 3. Component Construction The "10D" series typically features the following build: * **Material:** Zinc Oxide (ZnO) grains pressed with other metal oxides. * **Coating:** Encapsulated in a flame-retardant epoxy resin (usually blue or yellow). * **Leads:** Two radial tinned copper wires for through-hole PCB mounting. --- ### 4. Common Applications * **Power Supplies:** Used at the AC input stage to protect against mains transients. * **Home Appliances:** Found in washing machines, refrigerators, and TVs. * **Industrial Equipment:** Protection for motor controllers and PLC inputs. * **Surge Protectors:** The primary component inside "surge strips" or power bars. --- ### 5. Failure Modes * **Degradation:** Every time a VDR absorbs a surge, its internal structure degrades slightly. Eventually, the clamping voltage may drop. * **Thermal Runaway:** If subjected to a sustained overvoltage (rather than a brief spike), the VDR can overheat, crack, or catch fire. For this reason, it is often paired with a **thermal fuse**.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a 10D and a 14D series varistor?
    • ⤷ How do I test if a VDR10D751 is still functional using a multimeter?
    • ⤷ Why is it important to use a fuse in series with a VDR?