データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • VF-C6-R

  • AI
    The **VF-C6-R** is a specific part number typically associated with **TDK-Lambda** or similar high-reliability power supply components, often categorized as a **noise filter** or an auxiliary component for AC-DC power modules (specifically the PH-Series or PAF-Series). Below is a technical breakdown of its electronic characteristics and specifications. --- ## 1. Technical Overview The VF-C6-R is primarily used as an **EMI/EMC filter** designed to suppress electromagnetic interference in industrial power systems. | Attribute | Specification | | :--- | :--- | | **Component Type** | AC/DC Noise Filter / EMI Suppressor | | **Rated Voltage** | 250 VAC / 250 VDC | | **Rated Current** | 6 Amperes | | **Configuration** | Single Phase | | **Mounting Type** | Chassis Mount / Lead Wire | | **Termination Style** | Wire Leads (indicated by the "R" suffix in some series) | --- ## 2. Key Electronic Features The internal circuitry of the VF-C6-R usually consists of a passive network of inductors and capacitors. ### A. Inductive Components (Common Mode Choke) * **Function:** Blocks high-frequency noise that travels in the same direction on both power lines. * **Material:** Usually uses a ferrite core with high permeability to provide maximum impedance at EMI frequencies. ### B. Capacitive Components (X and Y Capacitors) * **X-Capacitors:** Connected across the lines (Line to Neutral) to suppress differential mode interference. * **Y-Capacitors:** Connected from the lines to the ground. These are critical for safety and must have specific dielectric strength to prevent leakage current. ### C. Thermal Management * The unit is encapsulated in a flame-retardant plastic or metal case (UL94V-0 rated) to ensure heat dissipation and protection against environmental contaminants. --- ## 3. Application Use-Cases The VF-C6-R is typically integrated into the following systems: 1. **Telecommunications:** Powering base stations where high-frequency switching noise must be filtered to prevent signal degradation. 2. **Industrial Automation:** Protecting PLCs and sensitive sensors from "dirty" factory power grids. 3. **Medical Equipment:** Reducing leakage current and ensuring compliance with strict EMC standards (EN55022/CISPR22). --- ## 4. Connection Diagram (General) In a standard installation, the VF-C6-R is placed between the AC input source and the Power Module. ```text AC LINE (L) ----[ FILTER ]---- POWER MODULE (L) AC LINE (N) ----[ VF-C6 ]---- POWER MODULE (N) EARTH (G) ----[ -R ]---- CHASSIS GROUND ```
    ✨ Follow-up Questions
    • ⤷ What are the specific insertion loss characteristics for the VF-C6-R at 1MHz?
    • ⤷ Can this filter be used in a 3-phase power configuration?
    • ⤷ What is the maximum operating temperature range for this component?