データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • VGA7S019L-65-R16-R

  • AI
    The **VGA7S019L-65-R16-R** is a specific part number typically associated with **Power Inductors**, often used in automotive or high-reliability power management applications. These components are designed for DC-DC converters, voltage regulator modules (VRMs), and noise filtering. Below is a breakdown of the electronic characteristics and technical specifications typical for this class of component. ### 1. Technical Specifications While exact parameters can vary slightly by manufacturer (often branded under series like VGA or similar high-current molded inductors), here are the standard specifications: | Feature | Description | | :--- | :--- | | **Component Type** | Shielded Power Inductor (Molded) | | **Inductance** | 0.19 µH (Typical for high-frequency switching) | | **Current Rating (Isat)** | High Saturation Current (typically >40A depending on size) | | **DCR (DC Resistance)** | Ultra-low (measured in mΩ) to minimize power loss | | **Operating Temp** | -40°C to +125°C (Automotive Grade standard) | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ### 2. Electronic Construction The part utilizes **Metal Composite/Molded Powder** technology. This construction offers several electronic advantages: * **Magnetic Shielding:** The coil is encapsulated in a metallic powder composite, which significantly reduces EMI (Electromagnetic Interference) and prevents the inductor from interfering with nearby sensitive circuits. * **Soft Saturation:** Unlike ferrite cores that drop inductance sharply when current increases, these parts have a "soft" saturation curve, maintaining stability during high-current transients. * **Thermal Stability:** The materials are chosen to handle high thermal loads, making them suitable for high-density power stages near CPUs or GPUs. --- ### 3. Application Use Cases This specific part is generally found in high-performance power delivery systems: 1. **Automotive ECU/ADAS:** Powering sensors and processing units where vibration resistance and wide temperature ranges are required. 2. **GPU/CPU Power Rails:** Because of the low inductance (0.19 µH) and high current capacity, it is ideal for multi-phase buck converters that require fast transient response. 3. **Telecom Power Bricks:** Used in high-efficiency DC-DC converters for networking hardware. --- ### 4. Circuit Symbol and Implementation In a schematic, this part is represented as a standard inductor with a shielding bar. ```spice * Example Buck Converter Implementation L1 (VGA7S019L) Node_Switch Node_Vout 0.19uH C1 Node_Vout GND 220uF ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific dimensions/footprint for the VGA7S series?
    • ⤷ How does 'soft saturation' improve DC-DC converter efficiency compared to ferrite cores?
    • ⤷ What is the typical saturation current (Isat) for a 0.19µH inductor of this size?