データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • VK-R5

  • AI
    The **VK-R5** refers to a high-performance **RS-485 to Wi-Fi/Ethernet Serial Server** (often part of the V-Kast or generic industrial IoT series). It is designed to act as a bridge between industrial serial devices and modern network infrastructures. ### Core Electronic Components and Specifications The device is composed of several critical subsystems that handle data conversion, signal isolation, and networking. | Component Category | Description | Specifications/Details | |:---|:---|:---| | **Microcontroller (MCU)** | The "brain" of the unit. | High-speed 32-bit ARM Cortex processor for data packet processing. | | **Serial Interface** | RS-485 Port. | Supports half-duplex communication with transient voltage suppression (TVS). | | **Networking** | Wi-Fi & Ethernet. | 802.11 b/g/n Wi-Fi and 10/100M Auto-sensing Ethernet port. | | **Power Management** | DC Power Input. | Usually supports wide voltage input (9V - 36V DC) with reverse polarity protection. | | **Isolation/Protection** | ESD & Surge Protection. | 1.5KV Electromagnetic isolation for the Ethernet port; 2KV surge protection for RS-485. | --- ### Technical Architecture 1. **RS-485 Transceiver:** Converts the differential signals from the industrial bus into logic-level signals (TTL) that the microcontroller can understand. 2. **TCP/IP Stack:** The internal firmware runs a full network stack, allowing the serial data to be encapsulated into TCP or UDP packets. 3. **Antenna System:** External SMA connector for high-gain Wi-Fi antennas to ensure stable wireless connectivity in industrial environments. 4. **Status Indicators (LEDs):** * **Power:** Indicates active DC input. * **Link:** Indicates active network connection. * **Data (TX/RX):** Blinks during active serial communication. --- ### Operational Modes The electronic logic of the VK-R5 allows it to function in several software-defined modes: * **TCP Server/Client:** The device acts as a network endpoint for data polling. * **UDP Mode:** Used for faster, non-connected data streaming. * **HTTP Client:** Allows the device to send serial data directly to a web server via POST/GET requests. * **Modbus Gateway:** Converts Modbus RTU (Serial) to Modbus TCP (Network) automatically. ### Connection Diagram (Typical) ```text [ Industrial Device ] <--- RS-485 (A+/B-) ---> [ VK-R5 ] <--- Wi-Fi/RJ45 ---> [ Cloud/PC/PLC ] ``` ---
    ✨ Follow-up Questions
    • ⤷What is the maximum baud rate supported by the VK-R5?
    • ⤷ How do I configure the VK-R5 for Modbus RTU to TCP conversion?
    • ⤷ Does the VK-R5 support PoE (Power over Ethernet)?