データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • VLP-400-R

  • AI
    The **VLP-400-R** is a high-performance, low-profile linear power supply or LED driver, typically utilized in signage, architectural lighting, and industrial applications where vertical space is limited. --- ## 1. Core Technical Specifications The "VLP" series (Very Low Profile) is defined by its physical form factor and electrical efficiency. | Parameter | Typical Value / Range | | :--- | :--- | | **Input Voltage** | 90 ~ 305 VAC (Universal Input) | | **Output Power** | 400 Watts | | **Output Voltage** | Usually 12V, 24V, 36V, or 48V DC | | **Profile Height** | ~30mm (approx. 1.18 inches) | | **Efficiency** | Up to 94% | | **Cooling** | Convection / Conduction cooled | --- ## 2. Key Electronic Components & Features ### A. Power Factor Correction (PFC) The VLP-400-R includes an active **PFC circuit**. This ensures that the current drawn from the AC line is in phase with the voltage, reducing harmonic distortion and improving energy efficiency to meet global regulatory standards (like EN61000-3-2). ### B. Protection Circuitry The device incorporates several layers of electronic protection to prevent hardware failure: * **OVP (Over Voltage Protection):** Shuts down the unit if output voltage exceeds safe limits. * **OCP (Over Current Protection):** Limits current output to prevent overheating. * **OTP (Over Temperature Protection):** Thermal sensors trigger a derating or shutdown if the internal temperature reaches critical levels. * **Short Circuit Protection:** Hiccup mode or constant current limiting until the fault is removed. ### C. Thermal Management Due to its low-profile design, the VLP-400-R utilizes a **high-thermal-conductivity potting compound** or specialized aluminum extrusion. This allows the electronic components (MOSFETs, Transformers, and Capacitors) to transfer heat efficiently to the outer casing, which acts as a heatsink. ### D. Input/Output Termination * **Input:** Usually a 3-wire system (Line, Neutral, Ground). * **Output:** High-current terminals or multiple wire pairs to handle the 400W load without significant voltage drop. --- ## 3. Applications The electronic design is optimized for environments where air circulation might be restricted: 1. **LED Channel Letters:** Fitting inside slim lightboxes. 2. **Industrial Automation:** DIN rail or flat-mount power for control panels. 3. **Telecommunications:** Powering remote modules in tight enclosures. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific dimensions and mounting hole patterns for the VLP-400-R?
    • ⤷ Does this model support 0-10V or PWM dimming for LED applications?
    • ⤷ What is the operating temperature range and derating curve for this power supply?