データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • VLS201612HBX-R33M-1

  • AI
    The **VLS201612HBX-R33M-1** is a high-performance, surface-mount (SMD) power inductor manufactured by **TDK Corporation**. It is part of the VLS-HBX series, specifically designed for power circuits in compact electronic devices. --- ### 1. Key Technical Specifications The following table outlines the primary electrical and physical characteristics of this component: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.33 µH | | **Tolerance** | ±20% (M) | | **DC Resistance (DCR)** | 0.038 Ω (Max) / 0.032 Ω (Typ) | | **Rated Current (Isat)** | 5.35 A (Based on Inductance Change) | | **Rated Current (Itemp)** | 3.51 A (Based on Temperature Rise) | | **Size Code** | 2016 (2.0mm x 1.6mm) | | **Thickness** | 1.2mm Max | | **Magnetic Shielding** | Resin Magnetic Shielded | --- ### 2. Breakdown of the Part Number Understanding the nomenclature helps in identifying its specific features: * **VLS**: Series Name (Wound Ferrite) * **2016**: Dimensions (2.0mm Length x 1.6mm Width) * **12**: Height (1.2mm Max) * **HBX**: Internal characteristic code (High-current metal-core type) * **R33**: Inductance value (R33 = 0.33 µH) * **M**: Tolerance (±20%) * **1**: Internal suffix/Packaging code --- ### 3. Structural & Performance Features * **Metal Core Technology:** Unlike standard ferrite inductors, the HBX series uses a metallic magnetic material. This allows for higher current handling (Saturation Current) in a smaller footprint. * **Magnetic Shielding:** The coil is encapsulated in a magnetic resin. This minimizes Electromagnetic Interference (EMI) with surrounding components on the PCB. * **High Efficiency:** The low DC resistance (DCR) reduces power loss, making it ideal for battery-operated devices where thermal management is critical. --- ### 4. Typical Applications This inductor is commonly found in space-constrained, high-efficiency power modules: * **Smartphones & Tablets:** DC-DC converter circuits for CPUs and GPUs. * **Wearables:** Power management for smartwatches and fitness trackers. * **IoT Modules:** Compact wireless communication modules. * **HDDs/SSDs:** Local power supply filtering. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between Isat and Itemp current ratings for this inductor?
    • ⤷ How does the metal core in the HBX series compare to standard ferrite cores?
    • ⤷ What are the recommended soldering profiles for the VLS201612 series?