データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • VOS2T-R-31R1

  • AI
    The **VOS2T-R-31R1** is a specialized electronic component typically associated with **Optical Fiber Transmitters** used in high-speed data communications and industrial automation. Specifically, this part number often refers to a fiber optic link component (frequently manufactured by brands like **Viking** or specialized high-reliability vendors). Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The VOS2T-R-31R1 is designed for converting electrical signals into optical signals (Transmission) for data integrity over long distances without electromagnetic interference. | Feature | Description | | :--- | :--- | | **Component Type** | Optical Transmitter / Fiber Optic Link | | **Data Rate** | Typically optimized for DC up to several MBd (MegaBaud) | | **Wavelength** | Usually 650nm (Red Light) or 850nm (Infrared) | | **Connector Interface** | ST Connector (Threaded) or specialized screw-on | | **Operating Voltage** | Typically 3.3V or 5V DC | --- ### 2. Key Electronic Parts & Components The internal architecture of the VOS2T-R-31R1 consists of three primary electronic stages: #### A. Driver IC (Integrated Circuit) The input pins receive a standard logic signal (TTL or CMOS). The driver IC converts these voltage levels into a specific current required to drive the LED/Laser source efficiently. #### B. Light Source (LED/LD) * **LED:** High-speed AlGaAs (Aluminum Gallium Arsenide) LED. * **Function:** It converts electrical energy into photon energy. * **Benefit:** High reliability and long lifespan compared to traditional lasers. #### C. Passive Components * **Decoupling Capacitors:** Used to filter noise from the power supply. * **Biasing Resistors:** Set the current limit for the light source to prevent thermal runaway. --- ### 3. Pin Configuration (Typical) While you should always consult the specific datasheet for your revision, the standard layout for this series is: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | **Vcc** | Positive Power Supply (3.3V / 5V) | | 2 | **GND** | Ground reference | | 3 | **Data In** | Logic Level Input (Electrical signal) | | 4 | **NC/Case** | No connection or Chassis Ground | --- ### 4. Common Applications Due to its robust design, the VOS2T-R-31R1 is used in: * **Industrial Control:** Communicating between PLCs in high-noise environments. * **Medical Equipment:** Providing electrical isolation between the patient and the high-voltage machinery. * **Energy Sector:** Data transmission in power substations where EMI (Electromagnetic Interference) is high. --- ### 5. Schematic Representation The electronic logic flow can be summarized as: ```text [Digital Signal] --> [Driver IC] --> [AlGaAs LED] --> [Fiber Interface (ST/SC)] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum data rate supported by the VOS2T-R-31R1?
    • ⤷ Is this component compatible with Multi-mode or Single-mode fiber?
    • ⤷ What are the recommended operating temperature ranges for this part?