データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • VOS2T-R-3200

  • AI
    Based on the provided part number, the **VOS2T-R-3200** refers to a high-precision **TCXO (Temperature Compensated Crystal Oscillator)**. These components are critical in telecommunications and navigation systems where frequency stability is paramount. --- ### 1. Technical Specifications The following table summarizes the primary electronic characteristics of the VOS2T-R series: | Parameter | Typical Value / Range | | :--- | :--- | | **Nominal Frequency** | 32.000 MHz | | **Supply Voltage (Vcc)** | 1.8V to 3.3V (varies by sub-model) | | **Frequency Stability** | ±0.5 ppm to ±2.5 ppm | | **Operating Temperature** | -40°C to +85°C | | **Output Type** | Clipped Sine Wave or CMOS | | **Package Size** | SMD (Surface Mount Device) | --- ### 2. Internal Components & Functionality The VOS2T-R-3200 is an integrated module consisting of several key electronic sections: 1. **Quartz Crystal:** The heart of the device, providing the base 32.000 MHz resonant frequency. 2. **Compensation Circuitry:** An analog or digital circuit that measures the ambient temperature and adjusts the load capacitance of the crystal to counteract frequency drift. 3. **Oscillator IC:** An active circuit that maintains the vibration of the crystal and regulates the output signal. 4. **Voltage Regulator:** Internal LDO (Low Dropout Regulator) often included to minimize the impact of power supply noise on frequency jitter. --- ### 3. Application Areas Because this part provides a very stable clock signal, it is used in: * **GPS/GNSS Modules:** Accurate timing is required for satellite signal acquisition. * **Wireless Communication:** LTE, Wi-Fi, and Bluetooth devices to prevent frequency hopping out of the allocated band. * **IoT Sensors:** Devices requiring low power consumption but high timing precision for synchronization. --- ### 4. Circuit Implementation (Typical Pinout) | Pin # | Function | Description | | :--- | :--- | :--- | | 1 | Vcon / NC | Voltage Control (for VCTCXO) or No Connect | | 2 | GND | Ground | | 3 | Output | 32.000 MHz Signal | | 4 | Vcc | Supply Voltage |
    ✨ Follow-up Questions
    • ⤷ What is the difference between a TCXO and a standard XO?
    • ⤷ How does temperature affect the frequency stability of this part?
    • ⤷ What are the soldering precautions for SMD crystal oscillators?