データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • VP1-0102-R

  • AI
    The **VP1-0102-R** is a high-performance, high-frequency power inductor manufactured by **Eaton (formerly Coiltronics)**. It belongs to the Versa-Pac series, which is characterized by its versatile multi-winding design. --- ### 1. Technical Specifications The following table outlines the primary electrical and physical characteristics of the VP1-0102-R: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Eaton (Coiltronics) | | **Inductance (Open Circuit)** | 90.5 µH (Typical) | | **Rated Current (Irms)** | 1.13 Amperes | | **Peak Current (Isat)** | 0.90 Amperes | | **DC Resistance (DCR)** | 0.176 Ohms (Max) | | **Number of Windings** | 6 independent windings | | **Operating Temperature** | -40°C to +125°C | | **Mounting Type** | Surface Mount (SMD) | --- ### 2. Key Electronic Features #### A. Multi-Winding Versatility The most distinctive feature of the VP1 series is the **six-winding architecture**. These windings are independent, allowing engineers to connect them in various configurations (series or parallel) to achieve different inductance and current ratings. #### B. High-Frequency Performance Designed specifically for high-frequency switch-mode power supplies (SMPS), the VP1-0102-R maintains low core losses even at frequencies exceeding 500 kHz. #### C. High Isolation The part offers high isolation voltage between windings, making it suitable for applications requiring galvanic isolation or multiple output voltages from a single component. --- ### 3. Common Applications Due to its configurable nature, the VP1-0102-R is found in various electronic power circuits: * **Flyback Transformers:** Used in AC-DC or DC-DC conversion. * **Buck/Boost Converters:** Configured as a high-efficiency power inductor. * **Gate Drive Transformers:** Providing isolated pulses to MOSFETs or IGBTs. * **Common Mode Chokes:** Filtering electromagnetic interference (EMI) on power lines. * **Isolated Power Supplies:** Creating multiple isolated voltage rails (e.g., +5V, +12V, -12V) from a single source. --- ### 4. Typical Configuration Logic When using the VP1-0102-R, the total inductance ($L_{total}$) and current handling ($I_{total}$) change based on how you wire the pins: ```text Parallel Connection: - Inductance remains the same as a single winding. - Current capacity increases (Sum of winding currents). Series Connection: - Inductance increases by the square of the turns (N²). - Current capacity is limited by the rating of a single winding. ```
    ✨ Follow-up Questions
    • ⤷How do you calculate the total inductance when connecting multiple windings of the VP1-0102-R in series?
    • ⤷ What is the specific footprint size for the VP1 series on a PCB layout?
    • ⤷ Can the VP1-0102-R be used as a 1:1 transformer for signal isolation?