データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • VR1-5B-R

  • AI
    The **VR1-5B-R** is a specific electronic component primarily categorized as a **Metal Oxide Varistor (MOV)** or a Surge Absorber, typically manufactured by companies like **Synton-Tech**. These components are designed to protect sensitive electronic circuits from high-voltage transients (surges). --- ### 1. Key Technical Specifications The "VR1-5B-R" nomenclature usually breaks down into specific electrical characteristics: | Feature | Description | | :--- | :--- | | **Component Type** | Metal Oxide Varistor (MOV) | | **Diameter / Size** | 5mm (Indicated by the "5") | | **Voltage Rating** | Low voltage protection (The "1" often denotes specific voltage class) | | **Tolerance** | Typically ±10% or ±15% | | **Package Style** | Radial Lead (Through-hole mounting) | | **RoHS Status** | Compliant (Indicated by "R") | --- ### 2. How it Functions A Varistor is a **voltage-dependent resistor**. Its resistance changes automatically based on the applied voltage: 1. **Normal Operation:** At standard operating voltages, the VR1-5B-R has very high resistance, acting as an open circuit. 2. **Surge Event:** When a high-voltage spike (like static or inductive kickback) occurs, the resistance drops instantly. 3. **Clamping:** The device shunts the excess current to the ground, "clamping" the voltage to a safe level to prevent damage to downstream components like ICs or microprocessors. --- ### 3. Physical Construction The VR1-5B-R is built using ceramic-like materials to handle thermal stress: * **Core Material:** Zinc Oxide (ZnO) grains mixed with other metal oxides. * **Electrodes:** Silver or other conductive metals applied to the disc surfaces. * **Coating:** Encapsulated in a flame-retardant epoxy resin (usually blue or orange). * **Leads:** Tin-plated copper wires for soldering onto a PCB. --- ### 4. Common Applications Due to its small 5mm form factor, it is commonly used in compact electronic devices: * **Consumer Electronics:** Power supplies for laptops, chargers, and LED drivers. * **Telecommunications:** Protecting data lines from atmospheric interference. * **Home Appliances:** Control boards for washing machines or microwaves. * **Industrial:** Small-scale sensor protection and PLC inputs. --- ### 5. Critical Precautions * **Degradation:** Varistors degrade slightly every time they absorb a surge. After multiple hits or one massive spike, they may fail in a short-circuit mode. * **Selection:** When replacing this part, ensure the **Clamping Voltage** and **Energy Rating (Joules)** match the original specifications to avoid fire hazards.
    ✨ Follow-up Questions
    • ⤷What is the maximum clamping voltage for the VR1-5B-R?
    • ⤷ Can a 7mm varistor be used as a replacement for a 5mm varistor?
    • ⤷ What are the common failure signs of a Metal Oxide Varistor?