データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • VR1-5B-R/

  • AI
    The **VR1-5B-R** is a specific electronic component primarily identified as a **Metal Oxide Varistor (MOV)** manufactured by companies like Eaton (formerly Cooper Bussmann). It is designed to protect electronic circuits from voltage surges and transients. --- ### 1. Fundamental Specifications The VR1-5B-R belongs to a category of overvoltage protection devices. Below are its core technical parameters: | Parameter | Specification | | :--- | :--- | | **Component Type** | Metal Oxide Varistor (MOV) | | **Package / Case** | 0805 (Surface Mount Device) | | **Working Voltage (DC)** | 5.6 VDC | | **Working Voltage (AC)** | 4.0 VAC (RMS) | | **Clamping Voltage** | ~15.5 V | | **Peak Surge Current** | 40 A (8/20 µs pulse) | | **Capacitance** | High (~450 pF to 750 pF) | --- ### 2. How it Functions The VR1-5B-R acts as a "voltage-sensitive resistor." Its behavior can be summarized in two states: 1. **Normal State (High Impedance):** When the circuit voltage is below 5.6V, the varistor acts like an open circuit, allowing the signal to pass through the main line unaffected. 2. **Surge State (Low Impedance):** If a voltage spike (like Static Electricity or Inductive Switching) exceeds the threshold, the device’s resistance drops instantly. This shunts the excess current to the ground, protecting sensitive ICs downstream. --- ### 3. Key Applications Because of its small 0805 footprint and low voltage rating, this part is commonly used in: * **Handheld Electronics:** Cell phones and tablets. * **Data Ports:** Protecting low-voltage I/O lines. * **Computer Peripherals:** USB ports and motherboards. * **Automotive Electronics:** Protection for low-voltage sensor signals. --- ### 4. Circuit Diagram Representation In a schematic, a varistor is typically placed in parallel with the load it is protecting. ```mermaid graph LR Input --> A[+] A --- Varistor[VR1-5B-R] Varistor --- B[GND] A --> IC[Sensitive Chip] IC --- B ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between this MOV and a TVS diode?
    • ⤷ Can the VR1-5B-R handle continuous overvoltage
    • ⤷ or only short pulses?
    • ⤷ How does the 0805 package size affect its thermal performance?