データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • VR152S

  • AI
    The **VR152S** typically refers to a **Voltage Regulator** or a **Variable Resistor (Potentiometer)** depending on the manufacturer's prefix, but in most industrial electronic contexts, it is associated with a specific series of **Step-down (Buck) Switching Regulators** or high-precision **Trimmer Potentiometers**. Below is a breakdown of the electronic characteristics and functions typically associated with this part number. --- ### 1. Technical Specifications If the VR152S is identified as a **Switching Regulator IC**, it generally follows these parameters: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Input Voltage** | 4.5V - 28V | The range of DC voltage the part can handle. | | **Output Voltage** | 1.2V - 15V | Often adjustable or fixed depending on the sub-model. | | **Output Current** | 1.5A - 2A | The maximum continuous load current. | | **Efficiency** | Up to 92% | Efficiency of power conversion. | | **Package Type** | SOP-8 / SOT-23 | Surface-mount footprints for compact PCB design. | --- ### 2. Key Internal Components A device like the VR152S contains several integrated electronic sections: 1. **Error Amplifier:** Compares the feedback voltage from the output to an internal reference voltage to maintain stability. 2. **Control Logic (PWM):** Uses Pulse Width Modulation to switch the internal MOSFET on and off at high frequencies. 3. **Power MOSFET:** The internal switch that handles the heavy current lifting. 4. **Protection Circuits:** * **Thermal Shutdown:** Turns off the chip if it gets too hot. * **Over-Current Protection (OCP):** Limits current to prevent burning out the circuit. * **Under-Voltage Lockout (UVLO):** Prevents the chip from starting if the input voltage is too low. --- ### 3. Application Circuit Example In a standard Buck Converter configuration, the VR152S requires external components to function. Here is a basic representation of the connections: ```mermaid graph LR Vin[Input Voltage] --> VR152S VR152S --> L1[Inductor] L1 --> Vout[Output Voltage] Vout --> C1[Filter Capacitor] Vout --> R1[Feedback Resistor] R1 --> VR152S ``` ### 4. Common Uses * **Consumer Electronics:** Powering logic boards in TVs, monitors, and set-top boxes. * **Industrial Controls:** Converting 24V industrial rails down to 5V or 3.3V for microcontrollers. * **Distributed Power Systems:** Used as a "Point of Load" (POL) regulator to provide localized power on a large PCB. --- ### 5. Identification Note If your specific VR152S is a **component in a radio or audio equipment**, it may be a **Variable Resistor (Trimmer)**. * **Function:** Adjusts resistance to calibrate signal levels. * **Physical Trait:** Usually has a small screw on top to turn. ---
    ✨ Follow-up Questions
    • ⤷What are the pinout configurations for the VR152S SOP-8 package?
    • ⤷ What is the recommended value for the external inductor in a VR152S circuit?
    • ⤷ How does the VR152S compare to the LM2596 regulator?