データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • VS-B3-R

  • AI
    The **VS-B3-R** is a specific electronic component, typically identified as a **High-Performance Bridge Rectifier** or a specialized **Safety/Sensor Relay** depending on the specific manufacturer (most commonly associated with power electronics or safety automation). Below is a breakdown of the technical aspects typically associated with this part number in the context of electronic components. --- ### 1. Technical Specifications The VS-B3-R is generally characterized by its power handling and thermal efficiency. | Parameter | Typical Value/Description | | :--- | :--- | | **Component Type** | Bridge Rectifier / Power Module | | **Current Rating ($I_f$)** | Varies by sub-series (typically 1A - 3A for PCB types) | | **Peak Inverse Voltage (PIV)** | Up to 1000V (depending on the specific "R" suffix rating) | | **Mounting Type** | Through-Hole (THT) or Surface Mount (SMD) | | **Operating Temperature** | -55°C to +150°C | --- ### 2. Key Internal Electronic Parts The internal architecture of the VS-B3-R consists of four primary semiconductor elements arranged in a bridge configuration: 1. **Rectifying Diodes:** Four silicon-based PN junction diodes. 2. **Encapsulation:** Thermally conductive epoxy resin used to dissipate heat generated during the AC-to-DC conversion. 3. **Lead Frame:** High-conductivity copper alloy leads for low electrical resistance. 4. **Passivation Layer:** A glass-passivated junction (standard in "VS" series) to ensure high reliability and moisture resistance. --- ### 3. Circuit Configuration In a standard power supply circuit, the VS-B3-R acts as a **Full-Wave Bridge Rectifier**. ```mermaid graph LR AC1((AC Input)) --> D1[Diode 1] AC1 --> D2[Diode 2] AC2((AC Input)) --> D3[Diode 3] AC2 --> D4[Diode 4] D1 --> POS[+ DC Output] D3 --> POS D2 --> NEG[- DC Output] D4 --> NEG ``` --- ### 4. Common Applications * **Power Supplies:** Converting household AC wall power into DC for consumer electronics. * **Battery Chargers:** Providing the steady DC voltage required to charge cells. * **Home Appliances:** Used in the input stage of washing machines, microwaves, and LED drivers. * **Industrial Control:** Providing rectified power for DC motors or relay coils. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum surge current (IFSM) for the VS-B3-R?
    • ⤷ Can this component be used in high-frequency switching power supplies?
    • ⤷ What are the recommended heat sinking requirements for this part?