データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • VS4-256-R

  • AI
    The **VS4-256-R** is a high-performance, stackable managed Ethernet switch designed for industrial and surveillance applications. It is typically characterized by its Power over Ethernet (PoE) capabilities and its ability to handle high-bandwidth data transmission. ### Technical Specifications Overview | Feature | Specification | | :--- | :--- | | **Port Configuration** | 24 x 10/100/1000Base-T RJ45 + 4 x 10G SFP+ Slots | | **PoE Support** | IEEE 802.3af/at (Power over Ethernet) | | **Switching Capacity** | Up to 128 Gbps | | **Management Layer** | Layer 2+ / Layer 3 Lite | | **Form Factor** | 1U Rackmount | | **Redundancy** | Dual Power Input support (depending on sub-model) | --- ### Core Electronic Components & Architecture The VS4-256-R is built using several critical electronic subsystems that allow it to function in demanding environments: #### 1. Switching Silicon (ASIC) At the heart of the device is a high-speed **Application-Specific Integrated Circuit (ASIC)**. This chip handles the hardware-based packet forwarding, VLAN tagging, and Quality of Service (QoS) prioritization. It ensures wire-speed performance across all ports simultaneously without dropping packets. #### 2. Power over Ethernet (PoE) Controller The "R" in the series often signifies specific power delivery or redundancy features. The internal PoE controllers manage: * **Power Negotiation:** Identifying if a connected device (like a PTZ camera) requires 15.4W (PoE) or 30W (PoE+). * **Thermal Management:** Monitoring heat dissipation across the internal power supply units (PSU). #### 3. SFP+ Optical Interfaces Unlike standard copper ports, the 4 SFP+ slots use **Transceiver Logic**. These allow the use of Fiber Optic modules to transmit data over long distances (up to 80km) or high speeds (10Gbps), which is essential for "uplinking" the switch to a core network or server. #### 4. Memory and Storage * **Flash Memory:** Stores the operating system (firmware) and configuration files. * **DRAM:** Used for the CPU to manage the routing table, MAC address table, and system logs. --- ### Key Operational Features * **Stackability:** Allows multiple units to be connected and managed as a single logical entity via the 10G ports. * **L3 Lite Routing:** Includes static routing capabilities, allowing the switch to handle inter-VLAN routing internally rather than sending all traffic to a main router. * **Industrial Hardening:** The electronic components are often rated for higher temperature tolerances compared to standard office-grade switches.
    ✨ Follow-up Questions
    • ⤷ What is the maximum PoE power budget for the VS4-256-R?
    • ⤷ Can this switch support 10Gbps fiber uplinks?
    • ⤷ Does it support Layer 3 dynamic routing protocols like OSPF?