データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • VT-13-R

  • AI
    The **VT-13-R** typically refers to a high-precision, vacuum-rated **Piezoelectric Translation Stage** (often associated with manufacturers like SmarAct). These devices are used in nanotechnology, microscopy, and semiconductor research where sub-nanometer resolution is required in a vacuum environment. --- ## 1. Core Electronic Components The functionality of the VT-13-R relies on the interaction between internal mechanical components and external electronic controllers. | Component | Function | Description | | :--- | :--- | :--- | | **Piezo Actuator** | Drive Mechanism | Converts electrical energy into mechanical displacement via the inverse piezoelectric effect. | | **Optical Encoder** | Position Feedback | Provides real-time data on the stage's location, allowing for closed-loop control. | | **Connector (Sub-D)** | Interface | Usually equipped with a vacuum-compatible 15-pin Sub-D connector for power and data. | | **Limit Switches** | Safety | Electronic sensors that prevent the stage from over-traveling and damaging the mechanism. | --- ## 2. Technical Specifications Electronic performance is defined by the resolution and the type of motor used. ### Drive System * **Motor Type:** Stick-slip piezo drive or ultrasonic piezo motor. * **Voltage Range:** Typically operates between **0V and 150V** (high voltage pulses for movement). * **Step Frequency:** Can range from 1 Hz up to several kHz depending on the controller. ### Feedback System (Encoder) * **Resolution:** Often features sub-nanometer electronic resolution (e.g., 1 nm or 100 pm). * **Signal Type:** Digital (RS422) or Analog (1 Vpp) differential signals to ensure noise immunity in sensitive environments. --- ## 3. Wiring and Connectivity Because the "R" in VT-13-R often signifies **Vacuum Compatibility**, the electronic wiring follows strict standards: * **Teflon/Kapton Wiring:** Insulated with materials that do not outgas in high vacuum (HV) or ultra-high vacuum (UHV). * **Pinout Configuration:** 1. **Phase A/B:** Piezo drive signals. 2. **GND:** Common ground. 3. **5V/3.3V:** Power for the internal optical encoder. 4. **Clock/Data:** Serial interface for position reading. --- ## 4. Control Requirements To operate these electronic parts, a specialized **Piezo Controller** is required. This controller performs: 1. **Waveform Generation:** Creates the specific sawtooth or sine waves needed to move the piezo ceramic. 2. **PID Regulation:** Uses the encoder signal to adjust the voltage in real-time to maintain a target position.
    ✨ Follow-up Questions
    • What are the specific vacuum ratings (HV vs UHV) for the VT-13-R series?
    • Which controllers are compatible with the VT-13-R encoder signals?
    • How does the 'stick-slip' electronic driving principle differ from standard DC motors?