データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • VZPR-BPD-22-R2

  • AI
    The **VZPR-BPD-22-R2** is a specific pneumatic-electronic component manufactured by **Festo**. It belongs to the VZPR series, which are typically **pneumatic pressure switches** or sensing units designed for monitoring and controlling pressure levels in industrial automation. Below is an explanation of its electronic and functional characteristics. --- ### 1. Key Technical Specifications The electronics of this device are designed to convert physical pressure into an electrical signal (binary output). | Feature | Specification Details | | :--- | :--- | | **Output Type** | Binary (Switching) | | **Switching Function** | Normally Open (NO) or Changeover (Model dependent) | | **Operating Voltage** | Typically 24V DC (Standard Industrial Range) | | **Connection Type** | M8 or M12 Plug (R2 denotes the electrical interface) | | **Pressure Range** | Generally 0 - 10 bar (Check specific variant) | | **Protection Class** | IP65 (Dust tight and protected against water jets) | --- ### 2. Electronic Component Breakdown #### A. Internal Sensor Element Inside the housing, the VZPR uses a **piezoresistive** or **mechanical-electronic transducer**. When air pressure is applied to the internal diaphragm, it triggers a microswitch or a solid-state sensor. This physical movement is converted into a digital "High/Low" voltage signal. #### B. Electrical Connection (R2 Suffix) The "R2" in the part number specifically refers to the electrical connection style. * **Plug Pattern:** It typically features a circular connector. * **Wiring:** Standard 3-wire or 4-wire configuration (Brown: +, Blue: -, Black/White: Signal). * **Signal Logic:** Most Festo sensors of this generation use **PNP** (Positive-Negative-Positive) logic, where the load is connected between the output and the ground. #### C. LED Indicators The device usually includes integrated electronics for visual feedback: * **Yellow/Green LED:** Indicates the switching state (on/off). * **Power LED:** Indicates that the device is receiving the correct operating voltage. --- ### 3. Functional Electronics Logic The VZPR-BPD-22-R2 operates on a **Threshold Logic**: 1. **Input:** Compressed air enters the pneumatic port. 2. **Processing:** The internal electronic circuit compares the pressure against a pre-set mechanical spring tension or electronic setpoint. 3. **Output:** Once the threshold is reached, the electronic switch closes, sending a 24V signal to a PLC (Programmable Logic Controller). --- ### 4. Circuit Diagram Representation ```cpp // Standard PNP Wiring for VZPR [ +24V DC ] -------- (1) Brown [ Output ] -------- (4) Black -----> [ PLC Input ] [ 0V/GND ] -------- (3) Blue ```
    ✨ Follow-up Questions
    • ⤷ What is the exact pressure switching range for the R2 model?
    • ⤷ How do I adjust the switching setpoint on the VZPR-BPD?
    • ⤷ Is this device compatible with NPN logic controllers?