データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • VZPR-BPD-22-R34

  • AI
    The **VZPR-BPD-22-R34** is a specialized pneumatic-electronic component manufactured by **Festo**. It is an electropneumatic pressure regulator designed for high-precision control in automation systems. --- ## 1. Core Technical Specifications The electronic and mechanical integration of this unit allows for the translation of an electrical signal into a proportional pneumatic output. | Feature | Specification | | :--- | :--- | | **Control Signal** | 4 - 20 mA or 0 - 10 V (Configuration dependent) | | **Operating Voltage** | 24 V DC (+/- 10%) | | **Pressure Range** | 0.05 bar to 10 bar (Typical) | | **Connection Size** | G3/4 (indicated by "R34") | | **Protection Class** | IP65 (Dust tight and water jet resistant) | --- ## 2. Electronic Components & Functionality ### A. Integrated Controller (PCB) The heart of the VZPR is an internal electronic control loop. It contains a microprocessor that compares the **setpoint value** (the electrical signal you provide) with the **actual value** (measured by an internal pressure sensor). ### B. Internal Pressure Sensor The unit features a built-in piezo-resistive or capacitive pressure sensor. This sensor provides continuous feedback to the internal electronics to ensure the output pressure remains stable even if the flow rate or supply pressure fluctuates. ### C. Solenoid Valve Actuators The electronics drive two high-speed internal solenoid valves: 1. **Inlet Valve:** Opens to increase downstream pressure. 2. **Exhaust Valve:** Opens to bleed pressure to the atmosphere. By pulsing these valves (PWM - Pulse Width Modulation), the electronics maintain a precise equilibrium. ### D. Electrical Interface (Pinout) Typically, the unit uses an M12 plug connection for electronic interfacing: * **Pin 1:** +24V Supply * **Pin 2:** Setpoint Value (+) * **Pin 3:** 0V / GND * **Pin 4:** Actual Value Output (Feedback signal for PLC monitoring) --- ## 3. Key Electronic Advantages * **Hysteresis Control:** The electronic system minimizes the difference between increasing and decreasing pressure setpoints. * **Response Time:** Because it uses electronic sensing rather than mechanical springs/diaphragms alone, the reaction time to setpoint changes is in the millisecond range. * **Diagnostics:** The integrated electronics can often detect faults, such as a loss of power or a pressure deviation, and signal this to a PLC via the feedback pin. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout diagram for the M12 connector on this model?
    • ⤷ How do I calibrate the 4-20mA signal for a specific pressure range?
    • ⤷ Can this unit be controlled via IO-Link or only analog signals?