データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W03CC

  • AI
    The **W03CC** is a specific part number primarily associated with **integrated circuit (IC) voltage regulators** or **rectifier bridges**, depending on the manufacturer (most commonly associated with Vishay/General Semiconductor or specialized power management brands). In the context of power electronics, "W03" typically refers to the series, while "CC" denotes specific packaging or electrical characteristics. --- ### 1. General Specifications If the W03CC refers to a **Silicon Bridge Rectifier** (a common classification for this part number), its technical profile generally includes: | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Peak Repetitive Reverse Voltage ($V_{RRM}$)** | 300 | Volts | | **Average Forward Rectified Current ($I_{F(AV)}$)** | 1.0 - 1.5 | Amperes | | **Non-Repetitive Peak Forward Surge Current** | 30 - 50 | Amperes | | **Operating Temperature Range** | -55 to +150 | °C | | **Forward Voltage Drop ($V_F$)** | ~1.0 - 1.1 | Volts | --- ### 2. Physical Components & Structure The electronic construction of a W03CC bridge rectifier involves four internal diodes arranged in a bridge configuration to convert Alternating Current (AC) to Direct Current (DC). #### Pin Configuration Most W03CC components in a round or square "WOG" package follow this layout: 1. **AC Input (~):** Pin for the first alternating current lead. 2. **AC Input (~):** Pin for the second alternating current lead. 3. **Positive Output (+):** Rectified DC positive terminal. 4. **Negative Output (-):** Rectified DC negative terminal (Ground). --- ### 3. Key Electronic Characteristics * **Encapsulation:** Usually housed in a molded plastic case (like the **WOG** or **DF-S** package) which is UL recognized for flammability. * **Efficiency:** Designed for low reverse leakage current to minimize power loss. * **Mounting:** Through-hole mounting is standard, allowing for easy PCB integration. --- ### 4. Typical Applications The W03CC is found in low-to-medium power supply circuits where converting mains voltage (stepped down) to DC is required: * **AC/DC Adapters:** Converting wall power for small electronics. * **Battery Chargers:** Providing the base DC voltage for charging circuits. * **Home Appliances:** Powering control boards in fans, toasters, or microwave timers. * **LED Drivers:** Supplying stable DC to lighting arrays. --- ### 5. Identification Code Example If the part is an IC (Integrated Circuit) from a specific manufacturer like *Texas Instruments* or *ST*, the "CC" may refer to: ```text W03 = Series / Voltage Rating (300V) C = Tolerance or Temperature Grade C = Package Type (e.g., Ceramic or Commercial) ```
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for a WOG package rectifier?
    • ⤷ Can a W03CC be used in a 240V AC application safely?
    • ⤷ What are the common alternatives to the W03CC for higher current demands?