データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W0603R-RFPB

  • AI
    The **W0603R-RFPB** is a high-precision, thin-film surface mount resistor typically manufactured by companies like TT Electronics/Welwyn. It is designed for applications where stability and precision are critical. ### 1. Key Technical Specifications Below are the primary electrical and physical characteristics of the W0603R-RFPB series: | Feature | Specification | | :--- | :--- | | **Package Size** | 0603 (Imperial) / 1608 (Metric) | | **Technology** | Thin Film (Passivated) | | **Power Rating** | 0.1 Watts (1/10 W) | | **Max Working Voltage** | 75V | | **Operating Temperature** | -55°C to +155°C | | **Termination Material** | Pb-Free (RoHS Compliant) | --- ### 2. Breakdown of the Part Number The alphanumeric code follows a specific naming convention: 1. **W0603**: Indicates the physical package size (0.06 x 0.03 inches). 2. **R**: Refers to the series type (Standard precision thin film). 3. **-RFPB**: This suffix defines the tolerance and Temperature Coefficient of Resistance (TCR). * **RF**: Typically denotes a Tolerance of **±0.1%** and a TCR of **±25ppm/°C** (varies slightly by manufacturer specifics). * **PB**: Indicates Lead-Free (Pb-Free) terminations. --- ### 3. Core Features and Benefits * **High Stability:** The thin-film construction provides excellent stability over the life of the component compared to thick-film resistors. * **Low Noise:** Thin film materials generate significantly less electrical noise, making them ideal for audio and signal processing. * **Tight Tolerance:** With tolerances as low as 0.1%, this part is used in voltage dividers and bridge circuits where accuracy is paramount. * **Sulfur Resistance:** Many resistors in this series feature high levels of environmental protection against harsh atmospheres. --- ### 4. Common Applications Due to its precision, the W0603R-RFPB is commonly found in: * **Medical Equipment:** Monitoring devices and diagnostic tools. * **Instrumentation:** Measurement bridges and calibration circuits. * **Telecommunications:** Base station equipment and signal routing. * **Industrial Controls:** High-accuracy sensor interfaces.
    ✨ Follow-up Questions
    • ⤷ What is the difference between thin-film and thick-film resistors in terms of performance?
    • ⤷ Can you provide the specific resistance value for a full part number like W0603R-03-1002-B?
    • ⤷ What are the soldering profile recommendations for 0603 thin-film resistors?