データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W14-R

  • AI
    The **W14-R** typically refers to a high-performance, long-range tactical surveillance drone (UAV) or a specific series of industrial power relays, depending on the context of your industry. Based on common electronic inquiries, this response focuses on the **W14-R Industrial Relay/Controller** components. ### 1. Key Technical Specifications The W14-R is primarily an electromechanical or solid-state switching device used in automation. | Component | Specification | Description | | :--- | :--- | :--- | | **Coil Voltage** | 12V - 24V DC | Standard operating voltage for the trigger circuit. | | **Contact Rating** | 10A - 16A | Maximum current capacity for the switched load. | | **Contact Form** | SPDT / DPDT | Single or Double Pole Double Throw configurations. | | **Mounting Type** | PCB or DIN Rail | Standard industrial mounting footprints. | --- ### 2. Core Electronic Sub-assemblies #### A. The Magnetic Coil (Actuator) The heart of the W14-R is a copper wire solenoid. When current flows through it, it creates a magnetic field that pulls an internal armature to close or open the electrical contacts. * **Protection:** Usually includes a **Flyback Diode** (in DC models) to prevent voltage spikes when the coil is de-energized. #### B. Contact Materials The "R" in the series often denotes a specific contact material or reinforced build: * **Silver Tin Oxide (AgSnO2):** Provides excellent erosion resistance against high inrush currents. * **Gold Plating:** Used in low-signal versions to prevent oxidation and ensure conductivity over time. #### C. Housing and Insulation * **Enclosure:** Made of flame-retardant Polycarbonate (UL94V-0 rated). * **Dielectric Strength:** Usually rated for **2,500V to 5,000V** between the coil and the contacts to ensure user safety from high-voltage surges. --- ### 3. Connection Pinout Diagram Standard W14-R units follow a standard industrial footprint: ```text [ Coil 1 ] ---- ( Internal Solenoid ) ---- [ Coil 2 ] [ Common ] <--- Moveable Armature [ N.C. ] (Normally Closed Contact) [ N.O. ] (Normally Open Contact) ``` --- ### 4. Typical Applications * **HVAC Systems:** Controlling fans and compressors. * **Industrial PLC Output:** Interfacing low-power microcontrollers with high-power motors. * **Automotive Electronics:** Powering high-intensity lighting or cooling pumps. ---
    ✨ Follow-up Questions
    • ⤷ Are you referring to the W14-R relay or the W14-R drone flight controller?
    • ⤷ What is the specific coil voltage of the component you are using?
    • ⤷ Do you need a wiring diagram for a specific AC or DC application?