データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AC-A12C-R2/N

  • AI
    The **W2AC-A12C-R2/N** is a specialized high-performance industrial power supply module, typically used in server chassis or networking equipment. It is designed for redundancy and high efficiency. Below is a detailed breakdown of its electronic specifications and features. ### 1. Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Voltage** | 100V - 240V AC (Auto-ranging) | | **Input Frequency** | 50Hz / 60Hz | | **Max Power Output** | 1200W (Higher wattages often require 200V+ input) | | **Efficiency Rating** | 80 PLUS Platinum (typically >92% efficiency) | | **Form Factor** | Slim / Redundant Module | | **Redundancy** | 1+1 or N+1 Support | --- ### 2. Key Electronic Components & Features #### A. Power Conversion Circuitry The unit utilizes a **Power Factor Correction (PFC)** circuit to ensure that the current waveform is in phase with the voltage, reducing harmonic distortion and maximizing energy usage from the grid. #### B. Management and Monitoring This module features an **I2C/PMBus interface**. This allows the system's motherboard to monitor real-time electronic data such as: * **Current Load:** Monitoring how many Amps are being pulled. * **Temperature:** Internal thermal sensors to prevent overheating. * **Fan Speed:** PWM-controlled fans that adjust based on thermal load. * **Voltage Rails:** Status of the +12V and +5Vsb (standby) lines. #### C. Protection Circuits To safeguard the connected hardware (CPU, RAM, Motherboard), the electronic design includes: * **OCP (Over Current Protection):** Shuts down if current exceeds safe limits. * **OVP (Over Voltage Protection):** Prevents voltage spikes from damaging components. * **SCP (Short Circuit Protection):** Latches the PSU off if a short is detected. * **OTP (Over Temperature Protection):** Shuts down the unit if internal heat sinks exceed a threshold. --- ### 3. Pinout and Connectivity This model usually features a **Gold Finger** connector rather than standard cables. This interface slides into a Power Distribution Board (PDB). ```text Typical Gold Finger Layout: [ Power Pins (+12V) ] [ Ground Pins ] [ Control Pins (SDA/SCL/PS_ON) ] ``` --- ### 4. Application Usage * **Storage Servers:** Providing stable power to high-density HDD/SSD arrays. * **Compute Nodes:** Powering dual-processor configurations. * **Networking:** Core switches and routers requiring 24/7 uptime.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the PMBus interface on this module?
    • ⤷ Can this power supply run at full 1200W on a standard 110V household outlet?
    • ⤷ Which server chassis models are compatible with the R2/N revision?