W2AC-A13A-R
AI

Based on the technical nomenclature and standard industry specifications, the **W2AC-A13A-R** typically refers to a high-performance **AC Axial Fan** or a specific sub-assembly used in thermal management systems.
Below is a detailed breakdown of its electronic and mechanical components.
---
### 1. General Specifications
This part is generally categorized as a 120mm square AC fan, often used in server racks, power supplies, and industrial control cabinets.
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Input Voltage** | 110V - 120V AC |
| **Frequency** | 50 / 60 Hz |
| **Current Rating** | ~0.20 A to 0.25 A |
| **Power Consumption** | 15W - 20W |
| **Bearing Type** | Dual Ball Bearing |
| **Termination** | Lead Wires (R-suffix usually denotes RoHS compliance) |
---
### 2. Core Electronic Components
The internal architecture of the W2AC-A13A-R consists of several critical electronic parts that manage power conversion and rotation.
#### A. The Induction Motor (Shaded Pole or PSC)
* **Stator Windings:** Copper coils wound around a laminated steel core. These create the electromagnetic field necessary for rotation.
* **Rotor:** A permanent magnet or induction-based rotor integrated into the fan blade assembly.
#### B. Thermal Protection
* **Impedance Protection:** The windings are designed to withstand the heat generated if the fan is stalled (locked rotor) without catching fire.
* **Thermal Cut-off (Optional):** Some variants include a thermal fuse that breaks the circuit if temperatures exceed a specific threshold (e.g., 125°C).
#### C. Capacitor (if Permanent Split Capacitor type)
* Used to create a phase shift in the AC current to provide starting torque and maintain directional rotation.
---
### 3. Mechanical & Material Construction
While electronic in function, the physical build influences the electrical efficiency:
* **Frame:** Die-cast aluminum (acts as a heat sink for the motor).
* **Impeller:** Polybutylene Terephthalate (PBT) plastic, UL94V-0 rated (flame retardant).
* **Bearing System:** Precision ball bearings designed for high-temperature MTBF (Mean Time Between Failures) of approximately 50,000+ hours.
---
### 4. Wiring and Connection
The "A13A" designation often refers to the specific wiring configuration:
1. **Black/Black Leads:** Standard AC input (non-polarized).
2. **Ground Lead:** Often a green/yellow wire attached to the aluminum frame for safety grounding.
---
### 5. Application Use Cases
* **Telecommunications:** Cooling for base stations.
* **Industrial:** Heat dissipation in CNC machines and PLC cabinets.
* **Medical:** Ventilation for diagnostic imaging equipment.
- ⤷
What is the exact airflow (CFM) rating for the W2AC-A13A-R?
- ⤷ Does this model support speed control via a PWM signal?
- ⤷ What are the mounting dimensions and hole spacing for this specific part?