データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AC-A13Y-R2

  • AI
    The **W2AC-A13Y-R2** is a specialized electronic component, typically categorized as a **surface-mount (SMD) quartz crystal oscillator** or a similar frequency control device. These parts are critical for providing a stable clock signal to microprocessors and digital circuits. --- ### 1. Key Technical Specifications While specific datasheets can vary by manufacturer (often associated with brands like **Walsin** or **Hosonic**), the nomenclature typically breaks down into the following electronic characteristics: | Parameter | Common Specification | Description | | :--- | :--- | :--- | | **Component Type** | Quartz Crystal / Oscillator | Passive component for frequency generation. | | **Package Size** | 2.0 x 1.6 mm (Approx) | Miniature "2016" footprint for high-density PCBs. | | **Nominal Frequency** | Fixed (e.g., 26MHz or 32MHz) | Depends on the specific "A13Y" internal coding. | | **Frequency Tolerance** | ±10 ppm to ±30 ppm | Measures the deviation from the target frequency. | | **Load Capacitance** | 7pF - 12pF | Required external capacitance for oscillation. | | **Operating Temp** | -40°C to +85°C | Industrial grade temperature range. | --- ### 2. Physical Construction and Pins Electronic parts like the W2AC-A13Y-R2 are built using a **seam-sealed ceramic package**. This construction protects the delicate quartz crystal from humidity and oxidation. * **Pad 1 & 3:** Crystal terminals (Input/Output). * **Pad 2 & 4:** Ground (GND) / Case ground to reduce EMI (Electromagnetic Interference). --- ### 3. Functional Role in Circuitry In a standard electronic schematic, this part functions as the "heartbeat" of the system. 1. **Piezoelectric Effect:** When voltage is applied, the quartz physical vibrates at a precise frequency. 2. **Signal Conditioning:** This vibration is converted into a square or sine wave. 3. **Clock Distribution:** The resulting signal is used by the MCU (Microcontroller) to execute instructions in sync. --- ### 4. Implementation Example Below is a conceptual representation of how this part is defined in an EDA (Electronic Design Automation) tool like Altium or KiCad: ```yaml Component: W2AC-A13Y-R2 Category: Frequency Control Footprint: OSC_SMD_2016 Pins: - Pin1: XTAL_IN - Pin2: GND - Pin3: XTAL_OUT - Pin4: GND Application: Bluetooth LE, Wi-Fi Modules, Wearables ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact resonant frequency of the A13Y variant?
    • ⤷ Which manufacturers produce the W2AC series?
    • ⤷ What are the recommended load capacitor values for this specific part?