データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AC-A13Y-R2/N

  • AI
    Based on the model number **W2AC-A13Y-R2/N**, this device is a high-performance **Industrial Power Supply/Rectifier Module**, typically associated with communication power systems (such as those manufactured by Delta or similar industrial electronics providers). Below is a breakdown of its electronic specifications and characteristics. --- ### 1. General Specifications The module is designed for converting AC utility power into stable DC power to run telecommunications equipment or industrial servers. | Feature | Specification | | :--- | :--- | | **Model Type** | AC/DC Rectifier Module | | **Input Voltage** | 100–240V AC (Nominal) | | **Output Voltage** | 48V DC (Standard Telecom Logic) | | **Cooling** | Forced Air (Internal Fan) | | **Mounting** | Hot-swappable / Rack Mount | --- ### 2. Key Electronic Components The internal circuitry of the W2AC-A13Y-R2/N consists of several critical stages: #### A. Input Stage (EMI & Protection) * **EMI Filter:** Uses X and Y capacitors and common-mode chokes to suppress high-frequency noise and ensure compliance with electromagnetic compatibility standards. * **Inrush Current Limiter:** Typically uses NTC thermistors or relays to prevent internal damage when first plugged in. * **Rectifier Bridge:** Converts the input AC sine wave into pulsating DC. #### B. Power Factor Correction (PFC) * **Active PFC:** Features a boost converter topology (inductor, high-speed MOSFET, and diode) to ensure the input current is in phase with the voltage, maximizing efficiency and reducing grid harmonic distortion. #### C. DC-DC Converter (Isolation) * **Main Transformer:** Provides galvanic isolation between the high-voltage AC side and the low-voltage DC output. * **Switching MOSFETs:** High-frequency transistors (often GaN or SiC in modern versions) that pulse the DC into the transformer. * **Synchronous Rectification:** Uses MOSFETs on the output side instead of diodes to significantly reduce heat loss and improve efficiency (likely >92%). #### D. Control & Logic * **Microcontroller (MCU):** Manages the communication (often via CAN bus or I2C) for remote monitoring. * **Protection Circuits:** Hardware-level sensors for Over-Voltage (OVP), Over-Current (OCP), and Over-Temperature (OTP). --- ### 3. Interface and Connectivity The "R2/N" suffix often indicates specific revision or pinout configurations for the backplane connector. | Part | Function | | :--- | :--- | | **Gold Finger / Blade Connector** | High-current DC output pins and AC input pins combined into one blind-mate interface. | | **Status LEDs** | Green (OK), Yellow (Alarm), Red (Fault). | | **Communication Bus** | Allows a central controller to adjust voltage margins and monitor fan speed. | --- ### 4. Application Context These parts are typically found in: * **48V Telecom Racks:** Powering base stations (LTE/5G). * **Data Centers:** Distributed power architectures. * **Industrial Automation:** Reliable 48V power for PLC systems and motors.
    ✨ Follow-up Questions
    • ⤷ What is the maximum output wattage for the W2AC-A13Y-R2/N?
    • ⤷ Does this module support parallel load sharing with other units?
    • ⤷ What is the specific communication protocol used for the R2/N revision?