データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AC-A1DB-R/N

  • AI
    The **W2AC-A1DB-R/N** is a specific model identifier typically associated with **Delta Electronics' W-Series** industrial power supplies or specialized DIN Rail modules. It is engineered for high reliability in automation and control environments. ### 1. Key Technical Specifications Below is a breakdown of the primary electrical and mechanical characteristics of the unit: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 100-240VAC (Universal Input) | | **Output Voltage** | 24V DC (Standard for Industrial Control) | | **Cooling** | Natural Convection (Fanless design) | | **Mounting Type** | DIN Rail (Standard TS35) | | **Housing Material** | Industrial-grade Plastic or Aluminum (Variant dependent) | | **Safety Certifications** | UL, CE, RoHS Compliant | --- ### 2. Internal Electronic Components The device utilizes several critical electronic sub-systems to ensure stable power delivery: #### A. Input Protection Circuitry * **Metal Oxide Varistors (MOV):** Protects the internal circuits from high-voltage surges and lightning strikes. * **EMI Filter:** Uses X/Y capacitors and common-mode chokes to prevent electromagnetic interference from leaking back into the AC grid. #### B. Power Conversion (Switch-Mode) * **Bridge Rectifier:** Converts the AC input into high-voltage DC. * **PWM Controller:** A high-frequency Integrated Circuit (IC) that regulates the switching speed of the MOSFETs to maintain a steady output voltage regardless of load changes. * **Isolation Transformer:** Provides galvanic isolation between the dangerous high-voltage AC side and the safe low-voltage DC output. #### C. Output Regulation & Protection * **Schottky Diodes:** Used for high-speed rectification on the output side to ensure low power loss. * **Electrolytic Capacitors:** Low-ESR capacitors are used to smooth out voltage ripples and provide stable DC current. * **Protection ICs:** Provide "Over-Voltage Protection" (OVP), "Over-Load Protection" (OLP), and "Short-Circuit Protection" (SCP). --- ### 3. Application Use Cases This part is commonly found in the following environments: 1. **PLC Powering:** Providing clean 24VDC power to Programmable Logic Controllers. 2. **Sensor Networks:** Powering industrial sensors (inductive, capacitive, or photoelectric). 3. **HMI Panels:** Reliable power for Human-Machine Interface touchscreens in factories. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific current (Ampere) ratings for the W2AC series?
    • ⤷ Is this power supply compatible with 3-phase AC input?
    • ⤷ How does the 'R/N' suffix affect the mounting or redundancy features?