データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AC-A1DB-R2

  • AI
    Based on the part number provided, this appears to be a specific configuration for an **ASRock Rack Motherboard** (likely a variant of the W2AC-A1DB series) or a related industrial computing module. Below is the technical breakdown of the electronic components and specifications typically associated with this hardware. --- ## 1. Core System Architecture The W2AC-A1DB series is generally designed around the **Intel® Atom® Processor** (such as the C3000 series / Denverton family) or the **Intel® Core™ / Xeon®** mobile platforms, depending on the specific revision. | Component | Specification | | :--- | :--- | | **Form Factor** | Proprietary / Industrial Motherboard | | **Chipset** | Integrated SoC (System on Chip) | | **CPU Support** | Intel Atom or Intel Core W-series (Configuration dependent) | | **BIOS/Firmware** | AMI UEFI BIOS with support for ACPI power management | --- ## 2. Memory & Storage Interface The electronic design focuses on high-reliability data handling, often used in edge computing or network appliances. ### Memory Specifications * **Type:** DDR4 SODIMM (Small Outline Dual In-line Memory Module). * **Capacity:** Usually supports up to 64GB or 128GB depending on the SoC. * **ECC Support:** Error-Correction Code (ECC) memory is typically supported to prevent data corruption. ### Storage Connectivity * **SATA:** Multiple SATA3 (6.0 Gb/s) ports for SSDs/HDDs. * **M.2 Interface:** Support for PCIe NVMe SSDs (Key M) for high-speed boot drives. --- ## 3. Input/Output (I/O) Logic The "R2" suffix often denotes a **Revision 2**, which typically involves minor tweaks to the PCB layout or component efficiency. ### Networking * **LAN Controllers:** Often equipped with Intel i210 or i350 dual Gigabit Ethernet controllers. * **SFP+ Support:** Some variants in this series include 10G SFP+ ports for high-speed fiber connectivity. ### Power Electronics * **Voltage Regulation:** Multi-phase VRM (Voltage Regulator Modules) for stable power delivery to the CPU. * **Power Input:** Typically 12V DC input or standard ATX 24-pin/8-pin connectors. --- ## 4. Hardware Management (IPMI) One of the critical electronic parts of this board is the **BMC (Baseboard Management Controller)**. * **Chip:** ASPEED AST2500 or similar. * **Function:** Provides out-of-band management, allowing users to monitor temperatures, fan speeds, and voltages remotely via a web interface. * **Dedicated LAN:** A separate RJ45 port specifically for the BMC. --- ## 5. Summary Table | Feature | Details | | :--- | :--- | | **Serial Ports** | Internal COM headers for legacy industrial equipment. | | **USB** | Mix of USB 3.0 and USB 2.0 internal/external ports. | | **Expansion** | PCIe x8 or x16 slots (physical lanes may vary). | | **Security** | TPM (Trusted Platform Module) header for hardware encryption. | ---
    ✨ Follow-up Questions
    • ⤷ Is this part number for a specific ASRock Rack motherboard model?
    • ⤷ What are the power requirements for the W2AC-A1DB-R2?
    • ⤷ Does this board support 10GbE networking?