AI

The **W2AC-A1DY-R/N** is a specific model of an **AC Axial Fan**, typically manufactured by companies like **Fulltech** or similar industrial cooling solution providers. These fans are designed for high-performance thermal management in industrial equipment, server racks, and power supplies.
---
### 1. Technical Specifications
The following table outlines the primary electronic and mechanical characteristics of the W2AC-A1DY-R/N:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage** | 115V AC (Standard) |
| **Frequency** | 50 / 60 Hz |
| **Power Consumption** | Approx. 20W - 30W (Depending on load) |
| **Speed** | 2,700 - 3,100 RPM |
| **Airflow** | ~90 - 110 CFM (Cubic Feet per Minute) |
| **Bearing Type** | Dual Ball Bearing |
| **Frame Material** | Die-cast Aluminum |
| **Impeller Material** | Thermoplastic PBT (UL 94V-0) |
| **Termination** | Lead Wires (R/N suffix often indicates wire type) |
---
### 2. Key Electronic Components & Features
#### A. Shaded Pole Motor
The fan utilizes an **AC Shaded Pole Motor**. This is a type of single-phase induction motor characterized by:
* **Self-Starting:** No starting capacitor is required for basic operation.
* **Reliability:** Few moving parts and no brushes, leading to a long operational lifespan (MTBF).
* **Impedance Protection:** The windings are designed to resist burning out even if the rotor is locked (stalled) for a period of time.
#### B. Dual Ball Bearing System
The "A1DY" configuration usually specifies a **Ball Bearing** system.
* **Longevity:** Rated for continuous 24/7 operation.
* **Temperature Resistance:** Better performance in high-heat environments compared to sleeve bearings.
* **Mounting:** Allows the fan to be mounted in any orientation (horizontal, vertical, or angled).
#### C. Safety and Protection
* **Insulation Class:** Usually rated as Class B or F, meaning the internal wiring can withstand temperatures up to 130°C–155°C.
* **Dielectric Strength:** Tested to withstand high voltage (typically 1500V AC for 1 minute) between the frame and the terminals to ensure user safety.
---
### 3. Part Number Decoder (Typical)
While naming conventions vary slightly by brand, the code generally breaks down as follows:
1. **W2**: Series designation (e.g., 120mm x 120mm x 38mm size).
2. **AC**: Input current type (Alternating Current).
3. **A1**: Voltage code (e.g., A1 = 100-120V, A2 = 220-240V).
4. **D**: Speed/Performance grade (High speed).
5. **Y**: Bearing type (Ball Bearing).
6. **R/N**: Specific termination or revision (e.g., Round frame or specific Lead wire length).
---
### 4. Application Areas
Due to its robust aluminum construction and AC power input, this part is commonly found in:
* **Industrial Control Cabinets:** Cooling PLCs and motor drives.
* **Welding Equipment:** Dissipating heat from high-current transformers.
* **Medical Devices:** Used in large-scale laboratory equipment.
* **HVAC Systems:** Small-scale ventilation and heat exchange.
- ⤷
What is the exact physical dimension of the W2AC series frame?
- ⤷ How does the 'R/N' suffix specifically affect the wiring layout?
- ⤷ What is the expected lifespan (L10) of this fan at 40°C?