データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AC-A23A-R2

  • AI
    Based on the part number provided, the **W2AC-A23A-R2** is a specific configuration of a high-performance **AC Axial Fan**, typically manufactured by cooling solution companies like **Delta Electronics** or **Winstar**. These fans are used for thermal management in industrial equipment, server racks, and power supplies. --- ### 1. Technical Specifications | Feature | Description | | :--- | :--- | | **Input Voltage** | 230V AC (Standard utility power) | | **Frequency** | 50/60 Hz | | **Bearing Type** | Dual Ball Bearing (Ensures long life and high reliability) | | **Frame Material** | Die-cast Aluminum (Rugged/Industrial grade) | | **Impeller Material** | Plastic (PBT) or Metal (depending on sub-version) | | **Termination** | Lead Wires or Terminal Connectors | --- ### 2. Electronic Component Breakdown The "R2" suffix in the part number often refers to specific electronic enhancements or revisions. Here are the core electronic parts inside this unit: #### A. The Induction Motor The heart of the fan is a **Shaded-Pole** or **Permanent Split Capacitor (PSC)** AC motor. Unlike DC fans, these do not require complex driver boards but rely on the AC sine wave to create a rotating magnetic field. #### B. The Bearing System (Ball Bearings) The "2" in the suffix usually denotes a **Dual Ball Bearing** system. - **Electronics context:** These are used to handle the heat generated by the motor coils. - **Benefit:** They allow the fan to be mounted in any orientation (horizontal or vertical) without affecting the lifespan. #### C. Protection Circuitry * **Impedance Protection:** The motor windings are designed to withstand the heat if the fan blade is physically blocked (locked rotor) without catching fire. * **Thermal Cut-off:** Some versions include a thermal fuse that breaks the circuit if the internal temperature exceeds safety limits. --- ### 3. Part Number Decoder (Typical) | Segment | Meaning | | :--- | :--- | | **W2** | Series identifier (AC Axial Fan) | | **AC** | Power source type (Alternating Current) | | **A23** | Voltage Rating (230V Nominal) | | **A** | Speed/Performance Grade | | **R2** | Revision code (Indicates updated electronic components or RoHS 2 compliance) | --- ### 4. Application Areas * **Industrial Control Panels:** Moving air through heat sinks. * **HVAC Systems:** Small-scale ventilation. * **Power Supplies:** Cooling large transformers and rectifiers.
    ✨ Follow-up Questions
    • ⤷What is the airflow rating (CFM) for this specific fan model?
    • ⤷ Does the R2 version support PWM speed control?
    • ⤷ What is the expected MTBF (Mean Time Between Failures) for this part?