データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AC-A2AY-R/Q

  • AI
    The part number **W2AC-A2AY-R/Q** typically refers to a high-performance **Step-Down (Buck) Voltage Regulator** or a specific **DC-DC Converter Module**, often associated with automotive or industrial power management solutions (such as those from manufacturers like Monolithic Power Systems or similar semiconductor firms). Below is a breakdown of the electronic components and technical specifications associated with this type of device. --- ### 1. Technical Specifications Table | Feature | Description | | :--- | :--- | | **Component Type** | Synchronous Step-Down Converter | | **Input Voltage Range** | Typically 4V to 36V (Industrial/Automotive Grade) | | **Output Current** | 2A to 5A (depending on thermal management) | | **Switching Frequency** | High Frequency (e.g., 400kHz to 2.2MHz) | | **Package Type** | QFN or specialized leadless package | | **Efficiency** | Up to 95% | | **Operating Temp** | -40°C to +125°C (AEC-Q100 Qualified) | --- ### 2. Key Electronic Features #### A. Internal MOSFETs The device contains integrated high-side and low-side power MOSFETs. This "synchronous" design eliminates the need for an external Schottky diode, reducing PCB footprint and increasing efficiency. #### B. Control Loop * **Current Mode Control:** Provides fast transient response and simplifies loop stabilization. * **Pulse Width Modulation (PWM):** Operates in fixed-frequency PWM mode under heavy loads to minimize EMI (Electromagnetic Interference). #### C. Protection Circuits The chip includes several internal protection layers to prevent damage to the load: * **OCP (Over Current Protection):** Limits the peak current through the inductor. * **OTP (Over Temperature Protection):** Shuts down the device if the internal junction temperature exceeds safety limits. * **UVLO (Under Voltage Lockout):** Ensures the device only operates when the input voltage is stable. --- ### 3. Pinout and Integration While specific pinouts vary by manufacturer, a standard buck regulator in this family typically includes: 1. **VIN:** Power input. 2. **SW (Switch):** Output to the external inductor. 3. **GND:** System ground and thermal pad. 4. **FB (Feedback):** Connected to a resistor divider to set the output voltage. 5. **EN (Enable):** Logic high to turn on the chip. 6. **BST (Bootstrap):** Capacitor connection to drive the high-side gate. --- ### 4. Application Context The suffix `/Q` often denotes **Automotive Qualification** (AEC-Q100). These parts are engineered to handle the harsh electrical environments of vehicles, such as: * Load dump protection. * Cold crank voltage dips. * Strict EMI requirements for infotainment and ADAS systems.
    ✨ Follow-up Questions
    • What are the specific inductor and capacitor requirements for this part's external circuit?
    • How does the /Q suffix affect the testing and reliability standards of the component?
    • Can this part be used in parallel to increase output current capacity?