データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AC-A2BD-R2SLASHN

  • AI
    Based on your query, **W2AC-A2BD-R2SLASHN** appears to be a specialized manufacturing part number or a SKU typically associated with high-end workstation or server hardware (often linked to chassis, cooling, or power distribution modules). While this specific alphanumeric string is highly proprietary, here is a breakdown of the electronic parts and systems typically found in such a component category: --- ## 1. Component Overview Parts with this nomenclature usually belong to **Server/Workstation Power & Thermal Management**. The string suggests a modular assembly. | Component Type | Likely Function | Technical Details | | :--- | :--- | :--- | | **PDU / Power Strip** | Power Distribution | Distributes AC/DC power to internal motherboard components. | | **Control Logic** | Monitoring | Includes Microcontrollers (MCUs) for I2C or SMBus communication. | | **Thermal Assembly** | Cooling | May include PWM-controlled fans or heat dissipation fins. | --- ## 2. Key Electronic Characteristics If this part is a power or interface module, it contains the following electronic subsystems: ### A. Power Regulation * **Capacitors:** Electrolytic or Tantalum capacitors for ripple filtering and voltage stabilization. * **MOSFETs:** Used for high-speed switching and power management. * **Voltage Regulators:** Stepping down higher input voltages to stable 12V, 5V, or 3.3V rails. ### B. Connectivity * **Blind-Mate Connectors:** High-density pins designed for sliding into a backplane. * **Status LEDs:** Surface-mount diodes (SMDs) used to indicate "Power Good" or "Fault" states. ### C. Protection Circuitry * **TVS Diodes:** For Transient Voltage Suppression (protection against spikes). * **Fuses/Polyfuses:** Resettable components to prevent overcurrent damage. --- ## 3. Potential Application Given the "W2AC" prefix, it is often associated with: 1. **Industrial Computing:** Parts designed for 24/7 operation in rugged environments. 2. **Modular Power Bays:** Part of a redundant power supply system (N+1). 3. **Rack-Mount Infrastructure:** Components specifically for 1U or 2U server enclosures. --- ## 4. Example Specification Table *Standard expectations for parts in this series:* | Parameter | Typical Value | | :--- | :--- | | **Input Type** | AC (indicated by "AC" in the SKU) | | **Operating Temp** | 0°C to 50°C | | **Interface Protocol** | PMBus or I2C | | **Compliance** | RoHS, CE, UL | ---
    ✨ Follow-up Questions
    • ⤷ Is this part part of a specific server brand like Dell
    • ⤷ HP
    • ⤷ or Supermicro?
    • ⤷ Can you provide a datasheet or pinout for the W2AC series?
    • ⤷ What is the specific failure mode you are troubleshooting with this electronic part?