データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AC-A2CB-R2/N

  • AI
    The part number **W2AC-A2CB-R2/N** typically refers to a high-performance **Industrial AC Axial Fan** or fan assembly, often manufactured by companies like **EBM-Papst** or specialized industrial cooling providers. Below is a breakdown of its electronic components, technical specifications, and internal architecture. --- ### 1. Component Specifications The following table outlines the typical electrical and mechanical parameters for this series: | Parameter | Specification | | :--- | :--- | | **Input Voltage** | 115V or 230V AC (Model dependent) | | **Frequency** | 50 / 60 Hz | | **Motor Type** | Shaded-pole or Capacitor Motor (External Rotor) | | **Bearing System** | Precision Ball Bearings | | **Housing Material** | Die-cast Aluminum | | **Impeller Material** | Sheet Steel (Welded/Coated) | | **Protection Class** | IP22 - IP44 (Depending on sealing) | --- ### 2. Internal Electronic Parts The "Electronic Parts" of an AC fan like the W2AC series are primarily focused on power conversion and thermal management: #### A. The Motor (External Rotor Design) Unlike standard DC motors, this unit uses an **External Rotor Motor**. * **Stator:** The stationary part with copper windings located in the center. * **Rotor:** The rotating outer shell to which the fan blades are directly attached. This design allows for better cooling of the motor itself. #### B. The Capacitor (Run Capacitor) If the model uses a permanent split capacitor (PSC) design, an internal or external metallized film capacitor is used to create a phase shift in the windings, allowing the motor to start and run efficiently. #### C. Thermal Protection * **Impedance Protection:** The windings are designed so that if the rotor is locked, the heat generated will not exceed the insulation's melting point. * **Thermal Cut-off (Optional):** Some variants include a thermal switch that breaks the circuit if temperatures exceed safety thresholds (usually 105°C - 150°C). --- ### 3. Wiring Configuration The electrical connection is usually handled via a terminal block or lead wires. ```text L (Line) ----[ Thermal Protector ]----( Main Winding )---- N (Neutral) | | +----( Capacitor )--+ (Aux Winding) ``` ### 4. Part Number Decoder (General Breakdown) | Segment | Meaning | | :--- | :--- | | **W2** | Product Series (Axial Fan) | | **AC** | Power Source (Alternating Current) | | **A2** | 2-Pole Motor (High Speed) | | **CB** | Mechanical design/Housing size | | **R2/N** | Specific Revision, Bearing Type, or Mounting version | --- ### 5. Maintenance and Safety * **EMI Shielding:** As an AC motor, it produces minimal electromagnetic interference compared to PWM-driven DC fans. * **Grounding:** The aluminum housing features a dedicated grounding screw or lug. This is critical for industrial safety to prevent chassis electrification.
    ✨ Follow-up Questions
    • ⤷What is the difference between ball bearings and sleeve bearings in this fan model?
    • ⤷ How do I calculate the CFM (airflow) for the W2AC series?
    • ⤷ Can this fan be controlled via a variable frequency drive (VFD)?