データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AC-A2DA-R

  • AI
    Based on the technical nomenclature commonly associated with high-end industrial power supplies or specialized modular units (often related to brands like **Advantech** or power conversion specialists), the **W2AC-A2DA-R** typically refers to a redundant power supply module or a specific AC/DC configuration. Below is a breakdown of the electronic parts, specifications, and architecture of this type of unit. --- ### 1. Key Technical Specifications The unit is generally designed for 24/7 industrial operations, emphasizing high MTBF (Mean Time Between Failures). | Feature | Description | | :--- | :--- | | **Input Type** | AC Wide Range (Universal 100-240V AC) | | **Output Voltage** | Typically 12V DC or 24V DC (Model dependent) | | **Redundancy** | 1+1 or N+1 Redundant Configuration | | **Form Factor** | Rackmount or Modular Plug-in | | **Cooling** | Forced Air (Internal High-RPM Ball Bearing Fans) | --- ### 2. Core Electronic Components The internal circuitry consists of several critical stages to ensure stable power delivery: #### A. Input Protection & EMI Filtering * **Metal Oxide Varistors (MOVs):** Protect against high-voltage surges and lightning strikes. * **X and Y Capacitors:** Reduce Electromagnetic Interference (EMI) to meet regulatory standards (FCC/CE). * **Bridge Rectifier:** Converts the incoming AC sine wave into a pulsating DC signal. #### B. Power Factor Correction (PFC) Stage * **Active PFC Controller:** Utilizes an Inductor and MOSFET to ensure the current waveform follows the voltage waveform, improving energy efficiency (usually >0.90). * **Bulk Electrolytic Capacitor:** High-voltage (400V+) storage to smooth the rectified DC. #### C. DC-DC Conversion (Switching Stage) * **PWM Controller:** High-frequency switching (typically 60kHz - 150kHz) to regulate voltage. * **Main Transformer:** Provides galvanic isolation between the high-voltage AC side and the low-voltage DC output. * **Schottky Rectifiers:** Used on the output side for high-speed rectification with low voltage drop. #### D. Monitoring & Management * **Backplane Connector:** A specialized "Gold Finger" or multi-pin connector for hot-swapping. * **I2C / PMBus Interface:** Allows the system to monitor RPM, temperature, and current load in real-time. * **Status LEDs:** Visual indicators for "DC OK," "AC Fail," or "Fan Fail." --- ### 3. Safety and Protective Circuits Industrial modules like the W2AC series include robust logic to prevent damage to the host system: * **OVP (Over Voltage Protection):** Shuts down the unit if the output exceeds a safe threshold. * **OCP (Over Current Protection):** Limits current during a short circuit. * **OTP (Over Temperature Protection):** Thermal sensors on the heat sinks trigger a shutdown if airflow is obstructed. --- ### 4. Application Context These modules are frequently used in: 1. **Industrial Servers:** Where downtime is not an option. 2. **Storage Arrays (NAS/SAN):** Requiring stable 12V rails. 3. **Network Switches:** High-density enterprise hardware.
    ✨ Follow-up Questions
    • ⤷ What is the maximum wattage rating for the W2AC-A2DA-R module?
    • ⤷ Is this power supply compatible with PMBus communication protocols?
    • ⤷ How do I troubleshoot a 'Fan Fail' LED on this specific unit?