データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AC-A2DB-R/Q

  • AI
    The **W2AC-A2DB-R/Q** is a specific model identifier typically associated with **Delta Electronics** high-performance industrial fans, specifically from their **W-series** axial fans. These components are engineered for critical cooling applications in telecommunications, server racks, and industrial power supplies. --- ### 1. Technical Specifications Overview The following table outlines the core electronic and mechanical parameters for this specific series: | Parameter | Specification | | :--- | :--- | | **Input Voltage** | 115V / 230V AC (Model specific) | | **Frequency** | 50/60 Hz | | **Bearing Type** | Dual Ball Bearing (Long life) | | **Frame Material** | Die-cast Aluminum | | **Impeller Material** | Thermoplastic (PBT) / Metal (Varies by sub-model) | | **Protection** | Thermal Protection / Impedance Protected | | **Termination** | Lead Wires or Terminal Blocks | --- ### 2. Breakdown of the Model Suffix (/R and /Q) In the context of industrial fans, the suffixes often denote specific electronic features or signal outputs: #### **A. The /R Suffix (Rotation Detector)** The "R" usually indicates a **Rotation Detector (RD)** or "Lock Sensor." * **Function:** This is an open-collector output signal. * **Logic:** When the fan is spinning, the signal stays at a "Low" voltage. If the fan stops (due to failure or obstruction), the signal switches to "High." * **Use Case:** Allows a system controller to trigger an alarm or shut down hardware if cooling fails. #### **B. The /Q Suffix (High Performance / Quiet)** The "Q" designation in this series often refers to the **Performance Tier**: * **Optimized Airflow:** These models are tuned for a specific balance between high Static Pressure and low Acoustic Noise. * **Electronic Commutation:** Internal circuitry is designed to minimize electromagnetic interference (EMI). --- ### 3. Electronic Safety Features The W2AC series incorporates several layers of electronic protection to ensure longevity: 1. **Impedance Protection:** The motor windings are designed so that if the fan is physically stalled, the impedance limits the current flow to prevent the coils from burning out. 2. **Dielectric Strength:** Usually rated to withstand 1500V AC for 1 minute between the frame and the terminals. 3. **Insulation Resistance:** Maintains a minimum of 10M Ohm at 500V DC. --- ### 4. Wiring Diagram (Typical RD Signal) If your model includes the 3rd wire (Sensor wire), the electronic interface typically looks like this: ```c // Typical RD (Rotation Detector) Interface Vcc (External) o-------[ Resistor ]-------o RD Signal (White/Yellow) | [ Collector ] / Internal Circuit < (Transistor) \ [ Emitter ] | GND o--------------------------o GND (Black) ```
    ✨ Follow-up Questions
    • ⤷ What are the exact dimensions (mm) for the W2AC-A2DB series?
    • ⤷ How do I wire the Rotation Detector (RD) to an Arduino or PLC?
    • ⤷ What is the expected MTBF (Mean Time Between Failures) for this fan?