データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AC-A2DY-R/N

  • AI
    The **W2AC-A2DY-R/N** is a specific model identifier typically associated with **Delta Electronics' W2 Series** of Industrial Power Supplies or related power conversion modules. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### ## Technical Specifications Overview This component is designed for industrial-grade applications, emphasizing high efficiency and reliability in harsh environments. | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 90 ~ 264 VAC (Universal AC Input) | | **Output Type** | DC (Regulated) | | **Efficiency** | > 85% (at typical load) | | **Cooling Method** | Natural Convection or Forced Air (Model dependent) | | **Mounting Type** | Chassis Mount / DIN Rail | | **Safety Standards** | UL, CE, RoHS Compliant | --- ### ### Key Electronic Components & Design The internal architecture of the W2AC-A2DY series generally consists of several critical stages: 1. **EMI Filter Stage:** * Contains X and Y capacitors and common-mode chokes to suppress electromagnetic interference. 2. **PFC (Power Factor Correction):** * Active PFC circuitry ensures the unit maintains a high power factor (typically > 0.95), reducing harmonic distortion on the AC line. 3. **DC-DC Conversion (PWM):** * Utilizes High-Frequency Pulse Width Modulation (PWM) to step down the rectified DC voltage to the desired output level. 4. **Protection Circuitry:** * **OVP (Over Voltage Protection):** Shuts down the unit if output exceeds safe limits. * **OCP (Over Current Protection):** Prevents damage during short circuits or overloads. * **OTP (Over Temperature Protection):** Thermal sensors monitor the heat sinks to prevent component meltdown. --- ### ### Naming Convention Breakdown The suffix **R/N** usually indicates specific hardware revisions or environmental ratings: * **W2AC:** Series designation (Standard Wide-range AC Input). * **A2DY:** Voltage/Power configuration code. * **R/N:** * **R:** Often denotes "Redundancy" capability or specific Relay output signals. * **N:** Can denote "Negative Logic" for control signals or a standard non-coated PCB version. --- ### ### Connection Logic (Example Block) If you were interfacing this with a PLC or controller, the wiring logic follows standard industrial safety protocols: ```yaml Terminal_Block: L: Line (AC Brown) N: Neutral (AC Blue) PE: Protective Earth (Green/Yellow) V+: DC Positive Output V-: DC Negative Return DC_OK: Dry Contact Relay (Monitoring) ``` ---
    ✨ Follow-up Questions
    • ⤷What is the specific output voltage and wattage for the A2DY variant?
    • ⤷ Does this model support parallel operation for increased current?
    • ⤷ What are the mounting dimensions for the W2AC series?