データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AC-A2DY-R2/N

  • AI
    The **W2AC-A2DY-R2/N** is a specific industrial-grade AC-DC power supply module, typically used in high-reliability applications such as telecommunications, industrial automation, or specialized computing environments. Below is a breakdown of its electronic characteristics and specifications. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Type** | AC (Alternating Current) | | **Input Voltage Range** | Typically Universal (90V – 264V AC) | | **Output Configuration** | Multi-rail (A2DY-R2 usually indicates specific voltage combinations) | | **Cooling** | Forced air (Fan-cooled) or Convection (depending on chassis) | | **Form Factor** | Rack-mount or Modular Plug-in | | **Efficiency** | Often 80 Plus rated or equivalent high-efficiency standard | --- ### 2. Internal Electronic Components The circuitry inside this module is designed for **High Availability (HA)** and noise suppression: * **PFC (Power Factor Correction):** Most "W2AC" series modules utilize active PFC circuits to ensure power efficiency and compliance with harmonic current regulations. * **EMI/EMC Filtering:** Contains a robust stage of X/Y capacitors and common-mode chokes to prevent electromagnetic interference. * **Switching Topology:** Uses high-frequency MOSFETs and PWM (Pulse Width Modulation) controllers to convert AC to stable DC outputs. * **Protection Circuits:** * **OVP:** Over Voltage Protection. * **OCP:** Over Current Protection. * **OTP:** Over Temperature Protection. --- ### 3. Part Number Suffix Breakdown While nomenclature varies slightly by manufacturer (often associated with brands like **Ablecom** or **Supermicro**), the suffixes typically represent: 1. **W2AC:** Series designation for Wide-range AC input. 2. **A2DY:** Specifies the output wattage and pinout configuration (often +12V, +5V, and +3.3V rails). 3. **R2:** Revision 2; indicates a hardware update for better stability or component longevity. 4. **N:** Usually indicates a specific non-standard feature or a "Next-generation" thermal profile. --- ### 4. Common Applications * **Redundant Power Systems (RPS):** Often used in pairs where one module can fail without the system shutting down. * **Server Chassis:** Found in 1U or 2U rack-mount servers. * **Network Switches:** Powering high-capacity core switches.
    ✨ Follow-up Questions
    • ⤷ What are the exact wattage ratings for the A2DY output configuration?
    • ⤷ Is this power supply hot-swappable in a redundant setup?
    • ⤷ Which manufacturers currently produce or support this specific model?